Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO137RSB2 Datasheet(PDF) 197 Page - Microsemi Corporation

Part # IO137RSB2
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO137RSB2 Datasheet(HTML) 197 Page - Microsemi Corporation

Back Button IO137RSB2 Datasheet HTML 193Page - Microsemi Corporation IO137RSB2 Datasheet HTML 194Page - Microsemi Corporation IO137RSB2 Datasheet HTML 195Page - Microsemi Corporation IO137RSB2 Datasheet HTML 196Page - Microsemi Corporation IO137RSB2 Datasheet HTML 197Page - Microsemi Corporation IO137RSB2 Datasheet HTML 198Page - Microsemi Corporation IO137RSB2 Datasheet HTML 199Page - Microsemi Corporation IO137RSB2 Datasheet HTML 200Page - Microsemi Corporation IO137RSB2 Datasheet HTML 201Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 210 page
background image
Re vi s i on 15
5 - 1
5 – Datasheet Information
List of Changes
The following table lists critical changes that were made in each version of the ProASIC3 datasheet.
Revision
Changes
Page
Revision 15
(July 2014)
Added corner pad table note (3) to "QN132 – Bottom View" (SAR 47442).
4-6
Ambient temperature removed in Table 2-2, table notes and "ProASIC3 Ordering
Information" figure were modified (SAR 48343).
2-2
1-III
Other updates were made to maintain the style and consistency of the datasheet.
NA
Revision 14
(April 2014)
Note added for the discontinuance of QN132 package to the following tables and
section: "ProASIC3 Devices", "I/Os Per Package 1", "ProASIC3 FPGAs Package
Sizes Dimensions" and "QN132 – Bottom View" section (SAR 55118).
I, II, 4-6
Revision 13
(January 2013)
The "ProASIC3 Ordering Information" section has been updated to mention "Y" as
"Blank" mentioning "Device Does Not Include License to Implement IP Based on the
Cryptography Research, Inc. (CRI) Patent Portfolio" (SAR 43104).
1-III
Added a note to Table 2-2 • Recommended Operating Conditions 1 (SAR 43644):
The programming temperature range supported is Tambient = 0°C to 85°C.
2-2
The note in Table 2-115 • ProASIC3 CCC/PLL Specification referring the reader to
SmartGen was revised to refer instead to the online help associated with the core
(SAR 42569).
2-89
Libero Integrated Design Environment (IDE) was changed to Libero System-on-Chip
(SoC) throughout the document (SAR 40284).
Live at Power-Up (LAPU) has been replaced with ’Instant On’.
NA
Revision 12
(September 2012)
The Security section was modified to clarify that Microsemi does not support
read-back of programmed data.
1-1
Added a Note stating "VMV pins must be connected to the corresponding VCCI pins.
See the "VMVx I/O Supply Voltage (quiet)" section on page 3-1 for further information.
" to
Table 2-1 • Absolute Maximum Ratings and Table 2-2 • Recommended Operating
Conditions 1 (SAR 38321).
2-1
2-2
Table 2-35 • Duration of Short Circuit Event Before Failure was revised to change
the maximum temperature from 110°C to 100°C, with an example of six months
instead of three months (SAR 37933).
2-30
In Table 2-93 • Minimum and Maximum DC Input and Output Levels, VIL and VIH
were revised so that the maximum is 3.6 V for all listed values of VCCI (SAR
28549).
2-67
Figure 2-36 • FIFO Read and Figure 2-37 • FIFO Write are new (SAR 28371).
2-98
The following sentence was removed from the "VMVx I/O Supply Voltage (quiet)"
section in the "Pin Descriptions" chapter: "Within the package, the VMV plane is
decoupled from the simultaneous switching noise originating from the output buffer
VCCI domain" and replaced with “Within the package, the VMV plane biases the
input stage of the I/Os in the I/O banks” (SAR 38321). The datasheet mentions that
"VMV pins must be connected to the corresponding VCCI pins" for an ESD
enhancement.
3-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com