Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO134RSB2 Datasheet(PDF) 205 Page - Microsemi Corporation

Part # IO134RSB2
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO134RSB2 Datasheet(HTML) 205 Page - Microsemi Corporation

Back Button IO134RSB2 Datasheet HTML 201Page - Microsemi Corporation IO134RSB2 Datasheet HTML 202Page - Microsemi Corporation IO134RSB2 Datasheet HTML 203Page - Microsemi Corporation IO134RSB2 Datasheet HTML 204Page - Microsemi Corporation IO134RSB2 Datasheet HTML 205Page - Microsemi Corporation IO134RSB2 Datasheet HTML 206Page - Microsemi Corporation IO134RSB2 Datasheet HTML 207Page - Microsemi Corporation IO134RSB2 Datasheet HTML 208Page - Microsemi Corporation IO134RSB2 Datasheet HTML 209Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 210 page
background image
ProASIC3 Flash Family FPGAs
Re vi s i on 15
5 - 9
Advance v0.6
(continued)
The "RESET" section was updated.
2-25
The "WCLK and RCLK" section was updated.
2-25
The "RESET" section was updated.
2-25
The "RESET" section was updated.
2-27
The "Introduction" of the "Advanced I/Os" section was updated.
2-28
The "I/O Banks" section is new. This section explains the following types of I/Os:
Advanced
Standard+
Standard
Table 2-12 • Automotive ProASIC3 Bank Types Definition and Differences is
new. This table describes the standards listed above.
2-29
PCI-X 3.3 V was added to the Compatible Standards for 3.3 V in Table 2-
11 • VCCI Voltages and Compatible Standards
2-29
Table 2-13 • ProASIC3 I/O Features was updated.
2-30
The "Double Data Rate (DDR) Support" section was updated to include
information concerning implementation of the feature.
2-32
The "Electrostatic Discharge (ESD) Protection" section was updated to include
testing information.
2-35
Level 3 and 4 descriptions were updated in Table 2-43 • I/O Hot-Swap and 5 V
Input Tolerance Capabilities in ProASIC3 Devices.
2-64
The notes in Table 2-43 • I/O Hot-Swap and 5 V Input Tolerance Capabilities in
ProASIC3 Devices were updated.
2-64
The "Simultaneous Switching Outputs (SSOs) and Printed Circuit Board Layout"
section is new.
2-41
A footnote was added to Table 2-14 • Maximum I/O Frequency for Single-Ended
and Differential I/Os in All Banks in Automotive ProASIC3 Devices (maximum
drive strength and high slew selected).
2-30
Table 2-18 • Automotive ProASIC3 I/O Attributes vs. I/O Standard Applications
2-45
Table 2-50 • ProASIC3 Output Drive (OUT_DRIVE) for Standard I/O Bank Type
(A3P030 device)
2-83
Table 2-51 • ProASIC3 Output Drive for Standard+ I/O Bank Type was updated.
2-84
Table 2-54 • ProASIC3 Output Drive for Advanced I/O Bank Type was updated.
2-84
The "x" was updated in the "User I/O Naming Convention" section.
2-48
The "VCC Core Supply Voltage" pin description was updated.
2-50
The "VMVx I/O Supply Voltage (quiet)" pin description was updated to include
information concerning leaving the pin unconnected.
2-50
The "VJTAG JTAG Supply Voltage" pin description was updated.
2-50
The "VPUMP Programming Supply Voltage" pin description was updated to
include information on what happens when the pin is tied to ground.
2-50
The "I/O User Input/Output" pin description was updated to include information on
what happens when the pin is unused.
2-50
The "JTAG Pins" section was updated to include information on what happens
when the pin is unused.
2-51
Revision
Changes
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com