Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO134RSB2 Datasheet(PDF) 99 Page - Microsemi Corporation

Part # IO134RSB2
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO134RSB2 Datasheet(HTML) 99 Page - Microsemi Corporation

Back Button IO134RSB2 Datasheet HTML 95Page - Microsemi Corporation IO134RSB2 Datasheet HTML 96Page - Microsemi Corporation IO134RSB2 Datasheet HTML 97Page - Microsemi Corporation IO134RSB2 Datasheet HTML 98Page - Microsemi Corporation IO134RSB2 Datasheet HTML 99Page - Microsemi Corporation IO134RSB2 Datasheet HTML 100Page - Microsemi Corporation IO134RSB2 Datasheet HTML 101Page - Microsemi Corporation IO134RSB2 Datasheet HTML 102Page - Microsemi Corporation IO134RSB2 Datasheet HTML 103Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 210 page
background image
ProASIC3 Flash Family FPGAs
Re vi s i on 15
2 - 94
Timing Characteristics
Figure 2-34 • RAM Reset. Applicable to Both RAM4K9 and RAM512x18.
CLK
RESET
DOUT|RD
Dn
tCYC
tCKH
tCKL
tRSTBQ
Dm
Table 2-116 • RAM4K9
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V
Parameter
Description
–2
–1
Std. Units
tAS
Address setup time
0.25 0.28 0.33
ns
tAH
Address hold time
0.00 0.00 0.00
ns
tENS
REN, WEN setup time
0.14 0.16 0.19
ns
tENH
REN, WEN hold time
0.10 0.11 0.13
ns
tBKS
BLK setup time
0.23 0.27 0.31
ns
tBKH
BLK hold time
0.02 0.02 0.02
ns
tDS
Input data (DIN) setup time
0.18 0.21 0.25
ns
tDH
Input data (DIN) hold time
0.00 0.00 0.00
ns
tCKQ1
Clock High to new data valid on DOUT (output retained, WMODE = 0)
2.36 2.68 3.15
ns
Clock High to new data valid on DOUT (flow-through, WMODE = 1)
1.79 2.03 2.39
ns
tCKQ2
Clock High to new data valid on DOUT (pipelined)
0.89 1.02 1.20
ns
tC2CWWL
1
Address collision clk-to-clk delay for reliable write after write on same
address—Applicable to Closing Edge
0.33 0.28 0.25
ns
tC2CWWH
1
Address collision clk-to-clk delay for reliable write after write on same
address—Applicable to Rising Edge
0.30 0.26 0.23
ns
tC2CRWH
1
Address collision clk-to-clk delay for reliable read access after write on same
address—Applicable to Opening Edge
0.45 0.38 0.34
ns
tC2CWRH
1
Address collision clk-to-clk delay for reliable write access after read on same
address— Applicable to Opening Edge
0.49 0.42 0.37
ns
tRSTBQ
RESET Low to data out Low on DOUT (flow-through)
0.92 1.05 1.23
ns
RESET Low to Data Out Low on DOUT (pipelined)
0.92 1.05 1.23
ns
tREMRSTB
RESET removal
0.29 0.33 0.38
ns
tRECRSTB
RESET recovery
1.50 1.71 2.01
ns
tMPWRSTB
RESET minimum pulse width
0.21 0.24 0.29
ns
tCYC
Clock cycle time
3.23 3.68 4.32
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com