Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO134RSB2 Datasheet(PDF) 53 Page - Microsemi Corporation

Part # IO134RSB2
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO134RSB2 Datasheet(HTML) 53 Page - Microsemi Corporation

Back Button IO134RSB2 Datasheet HTML 49Page - Microsemi Corporation IO134RSB2 Datasheet HTML 50Page - Microsemi Corporation IO134RSB2 Datasheet HTML 51Page - Microsemi Corporation IO134RSB2 Datasheet HTML 52Page - Microsemi Corporation IO134RSB2 Datasheet HTML 53Page - Microsemi Corporation IO134RSB2 Datasheet HTML 54Page - Microsemi Corporation IO134RSB2 Datasheet HTML 55Page - Microsemi Corporation IO134RSB2 Datasheet HTML 56Page - Microsemi Corporation IO134RSB2 Datasheet HTML 57Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 210 page
background image
ProASIC3 Flash Family FPGAs
Re vi s i on 15
2 - 48
Timing Characteristics
Table 2-60 • 2.5 V LVCMOS High Slew
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 2.3 V
Applicable to Advanced I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
4 mA
Std.
0.60
8.66
0.04
1.31
0.43
7.83
8.66
2.68
2.30
10.07
10.90
ns
–1
0.51
7.37
0.04
1.11
0.36
6.66
7.37
2.28
1.96
8.56
9.27
ns
–2
0.45
6.47
0.03
0.98
0.32
5.85
6.47
2.00
1.72
7.52
8.14
ns
6 mA
Std.
0.60
5.17
0.04
1.31
0.43
5.04
5.17
3.05
3.00
7.27
7.40
ns
–1
0.51
4.39
0.04
1.11
0.36
4.28
4.39
2.59
2.55
6.19
6.30
ns
–2
0.45
3.86
0.03
0.98
0.32
3.76
3.86
2.28
2.24
5.43
5.53
ns
8 mA
Std.
0.60
5.17
0.04
1.31
0.43
5.04
5.17
3.05
3.00
7.27
7.40
ns
–1
0.51
4.39
0.04
1.11
0.36
4.28
4.39
2.59
2.55
6.19
6.30
ns
–2
0.45
3.86
0.03
0.98
0.32
3.76
3.86
2.28
2.24
5.43
5.53
ns
12 mA
Std.
0.60
3.56
0.04
1.31
0.43
3.63
3.43
3.30
3.44
5.86
5.67
ns
–1
0.51
3.03
0.04
1.11
0.36
3.08
2.92
2.81
2.92
4.99
4.82
ns
–2
0.45
2.66
0.03
0.98
0.32
2.71
2.56
2.47
2.57
4.38
4.23
ns
16 mA
Std.
0.60
3.35
0.04
1.31
0.43
3.41
3.06
3.36
3.55
5.65
5.30
ns
–1
0.51
2.85
0.04
1.11
0.36
2.90
2.60
2.86
3.02
4.81
4.51
ns
–2
0.45
2.50
0.03
0.98
0.32
2.55
2.29
2.51
2.65
4.22
3.96
ns
24 mA
Std.
0.60
3.09
0.04
1.31
0.43
3.15
2.44
3.44
4.00
5.38
4.68
ns
–1
0.51
2.63
0.04
1.11
0.36
2.68
2.08
2.92
3.40
4.58
3.98
ns
–2
0.45
2.31
0.03
0.98
0.32
2.35
1.82
2.57
2.98
4.02
3.49
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com