Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO134RSB2 Datasheet(PDF) 112 Page - Microsemi Corporation

Part # IO134RSB2
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO134RSB2 Datasheet(HTML) 112 Page - Microsemi Corporation

Back Button IO134RSB2 Datasheet HTML 108Page - Microsemi Corporation IO134RSB2 Datasheet HTML 109Page - Microsemi Corporation IO134RSB2 Datasheet HTML 110Page - Microsemi Corporation IO134RSB2 Datasheet HTML 111Page - Microsemi Corporation IO134RSB2 Datasheet HTML 112Page - Microsemi Corporation IO134RSB2 Datasheet HTML 113Page - Microsemi Corporation IO134RSB2 Datasheet HTML 114Page - Microsemi Corporation IO134RSB2 Datasheet HTML 115Page - Microsemi Corporation IO134RSB2 Datasheet HTML 116Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 210 page
background image
ProASIC3 Flash Family FPGAs
Re vi s i on 15
2 - 107
JTAG 1532 Characteristics
JTAG timing delays do not include JTAG I/Os. To obtain complete JTAG timing, add I/O buffer delays to
the corresponding standard selected; refer to the I/O timing characteristics in the "User I/O
Characteristics" section on page 2-14 for more details.
Timing Characteristics
Table 2-125 • JTAG 1532
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V
Parameter
Description
–2
–1
Std.
Units
tDISU
Test Data Input Setup Time
0.50
0.57
0.67
ns
tDIHD
Test Data Input Hold Time
1.00
1.13
1.33
ns
tTMSSU
Test Mode Select Setup Time
0.50
0.57
0.67
ns
tTMDHD
Test Mode Select Hold Time
1.00
1.13
1.33
ns
tTCK2Q
Clock to Q (data out)
6.00
6.80
8.00
ns
tRSTB2Q
Reset to Q (data out)
20.00
22.67
26.67
ns
FTCKMAX
TCK Maximum Frequency
25.00
22.00
19.00
MHz
tTRSTREM
ResetB Removal Time
0.00
0.00
0.00
ns
tTRSTREC
ResetB Recovery Time
0.20
0.23
0.27
ns
tTRSTMPW
ResetB Minimum Pulse
TBD
TBD
TBD
ns
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for
derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com