Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO134RSB2 Datasheet(PDF) 118 Page - Microsemi Corporation

Part # IO134RSB2
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO134RSB2 Datasheet(HTML) 118 Page - Microsemi Corporation

Back Button IO134RSB2 Datasheet HTML 114Page - Microsemi Corporation IO134RSB2 Datasheet HTML 115Page - Microsemi Corporation IO134RSB2 Datasheet HTML 116Page - Microsemi Corporation IO134RSB2 Datasheet HTML 117Page - Microsemi Corporation IO134RSB2 Datasheet HTML 118Page - Microsemi Corporation IO134RSB2 Datasheet HTML 119Page - Microsemi Corporation IO134RSB2 Datasheet HTML 120Page - Microsemi Corporation IO134RSB2 Datasheet HTML 121Page - Microsemi Corporation IO134RSB2 Datasheet HTML 122Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 210 page
background image
Package Pin Assignments
4- 2
R ev isio n 1 5
QN48
Pin Number
A3P030 Function
1
IO82RSB1
2
GEC0/IO73RSB1
3
GEA0/IO72RSB1
4
GEB0/IO71RSB1
5GND
6
VCCIB1
7
IO68RSB1
8
IO67RSB1
9
IO66RSB1
10
IO65RSB1
11
IO64RSB1
12
IO62RSB1
13
IO61RSB1
14
IO60RSB1
15
IO57RSB1
16
IO55RSB1
17
IO53RSB1
18
VCC
19
VCCIB1
20
IO46RSB1
21
IO42RSB1
22
TCK
23
TDI
24
TMS
25
VPUMP
26
TDO
27
TRST
28
VJTAG
29
IO38RSB0
30
GDB0/IO34RSB0
31
GDA0/IO33RSB0
32
GDC0/IO32RSB0
33
VCCIB0
34
GND
35
VCC
36
IO25RSB0
37
IO24RSB0
38
IO22RSB0
39
IO20RSB0
40
IO18RSB0
41
IO16RSB0
42
IO14RSB0
43
IO10RSB0
44
IO08RSB0
45
IO06RSB0
46
IO04RSB0
47
IO02RSB0
48
IO00RSB0
QN48
Pin Number
A3P030 Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com