Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO134RSB2 Datasheet(PDF) 199 Page - Microsemi Corporation

Part # IO134RSB2
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO134RSB2 Datasheet(HTML) 199 Page - Microsemi Corporation

Back Button IO134RSB2 Datasheet HTML 195Page - Microsemi Corporation IO134RSB2 Datasheet HTML 196Page - Microsemi Corporation IO134RSB2 Datasheet HTML 197Page - Microsemi Corporation IO134RSB2 Datasheet HTML 198Page - Microsemi Corporation IO134RSB2 Datasheet HTML 199Page - Microsemi Corporation IO134RSB2 Datasheet HTML 200Page - Microsemi Corporation IO134RSB2 Datasheet HTML 201Page - Microsemi Corporation IO134RSB2 Datasheet HTML 202Page - Microsemi Corporation IO134RSB2 Datasheet HTML 203Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 210 page
background image
ProASIC3 Flash Family FPGAs
Re vi s i on 15
5 - 3
Revision 10
(continued)
"TBD" for 3.3 V LVCMOS Wide Range in Table 2-28 • I/O Output Buffer Maximum
Resistances1 through Table 2-30 • I/O Output Buffer Maximum Resistances1 was
replaced by "Same as regular 3.3 V" (SAR 33852).
2-25 to
2-27
The equations in the notes for Table 2-31 • I/O Weak Pull-Up/Pull-Down
Resistances were corrected (SAR 32470).
2-27
"TBD" for 3.3 V LVCMOS Wide Range in Table 2-32 • I/O Short Currents IOSH/IOSL
through Table 2-34 • I/O Short Currents IOSH/IOSL was replaced by "Same as
regular 3.3 V LVCMOS" (SAR 33852).
2-28 to
2-30
In the "3.3 V LVCMOS Wide Range" section, values were added to Table 2-47
through Table 2-49 for IOSL and IOSH, replacing "TBD" (SAR 33852).
2-38 to
2-39
The following sentence was deleted from the "2.5 V LVCMOS" section (SAR 24916):
"It uses a 5 V–tolerant input buffer and push-pull output buffer."
2-46
The table notes were revised for Table 2-90 • LVDS Minimum and Maximum DC
Input and Output Levels (SAR 33859).
2-65
Values were added for FDDRIMAX and FDDOMAX in Table 2-102 • Input DDR
Propagation Delays and Table 2-104 • Output DDR Propagation Delays (SAR
23919).
2-77, 2-79
Table 2-115 • ProASIC3 CCC/PLL Specification was updated. A note was added to
indicate that when the CCC/PLL core is generated by Microsemi core generator
software, not all delay values of the specified delay increments are available (SAR
25705).
2-89
The following figures were deleted (SAR 29991). Reference was made to a new
application note, Simultaneous Read-Write Operations in Dual-Port SRAM for
Flash-Based cSoCs and FPGAs, which covers these cases in detail (SAR 21770).
Figure 2-34 • Write Access after Write onto Same Address
Figure 2-35 • Read Access after Write onto Same Address
Figure 2-35 • Read Access after Write onto Same Address
The port names in the SRAM "Timing Waveforms", SRAM "Timing Characteristics"
tables, Figure 2-38 • FIFO Reset, and the FIFO "Timing Characteristics" tables were
revised to ensure consistency with the software names (SARs 29991, 30510).
2-92,
2-94,
2-99
2-101
The "Pin Descriptions" chapter has been added (SAR 21642).
3-1
Package names used in the "Package Pin Assignments" section were revised to
match standards given in Package Mechanical Drawings (SAR 27395).
4-1
July 2010
The versioning system for datasheets has been changed. Datasheets are assigned
a revision number that increments each time the datasheet is revised. The
"ProASIC3 Device Status" table on page III indicates the status for each device in
the device family.
N/A
Revision
Changes
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com