Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO128RSB2 Datasheet(PDF) 28 Page - Microsemi Corporation

Part # IO128RSB2
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO128RSB2 Datasheet(HTML) 28 Page - Microsemi Corporation

Back Button IO128RSB2 Datasheet HTML 24Page - Microsemi Corporation IO128RSB2 Datasheet HTML 25Page - Microsemi Corporation IO128RSB2 Datasheet HTML 26Page - Microsemi Corporation IO128RSB2 Datasheet HTML 27Page - Microsemi Corporation IO128RSB2 Datasheet HTML 28Page - Microsemi Corporation IO128RSB2 Datasheet HTML 29Page - Microsemi Corporation IO128RSB2 Datasheet HTML 30Page - Microsemi Corporation IO128RSB2 Datasheet HTML 31Page - Microsemi Corporation IO128RSB2 Datasheet HTML 32Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 210 page
background image
ProASIC3 Flash Family FPGAs
Re vi s i on 15
2 - 23
Table 2-25 • Summary of I/O Timing Characteristics—Software Default Settings
–2 Speed Grade, Commercial-Case Conditions: TJ = 70°C, Worst Case VCC = 1.425 V,
Worst-Case VCCI (per standard)
Standard Plus I/O Banks
I/O Standard
3.3 V LVTTL /
3.3 V LVCMOS
12 mA 12 mA High 35
–
0.45 2.36 0.03 0.75 0.32 2.40 1.93 2.08 2.41 4.07 3.60
ns
3.3 V LVCMOS
Wide Range2
100 µA 12 mA High 35
–
0.45 3.65 0.03 1.14 0.32 3.65 2.93 3.22 3.72 6.18 5.46
ns
2.5 V LVCMOS 12 mA 12 mA High 35
–
0.45 2.39 0.03 0.97 0.32 2.44 2.35 2.11 2.32 4.11 4.02
ns
1.8 V LVCMOS
8 mA
8 mA
High 35
–
0.45 3.03 0.03 0.90 0.32 2.87 3.03 2.19 2.32 4.54 4.70
ns
1.5 V LVCMOS
4 mA
4 mA
High 35
–
0.45 3.61 0.03 1.06 0.32 3.35 3.61 2.26 2.34 5.02 5.28
ns
3.3 V PCI
Per
PCI
spec
–
High 10 25 4 0.45 1.72 0.03 0.64 0.32 1.76 1.27 2.08 2.41 3.42 2.94
ns
3.3 V PCI-X
Per
PCI-X
spec
–
High 10 25 4 0.45 1.72 0.03 0.62 0.32 1.76 1.27 2.08 2.41 3.42 2.94
ns
Notes:
1. The minimum drive strength for any LVCMOS 3.3 V software configuration when run in wide range is ±100 µA. Drive
strength displayed in the software is supported for normal range only. For a detailed I/V curve, refer to the IBIS models.
2. All LVCMOS 3.3 V software macros support LVCMOS 3.3 V wide range as specified in the JESD8-B specification.
3. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.
4. Resistance is used to measure I/O propagation delays as defined in PCI specifications. See Figure 2-10 on page 2-63 for
connectivity. This resistor is not required during normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com