Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO128RSB2 Datasheet(PDF) 61 Page - Microsemi Corporation

Part # IO128RSB2
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO128RSB2 Datasheet(HTML) 61 Page - Microsemi Corporation

Back Button IO128RSB2 Datasheet HTML 57Page - Microsemi Corporation IO128RSB2 Datasheet HTML 58Page - Microsemi Corporation IO128RSB2 Datasheet HTML 59Page - Microsemi Corporation IO128RSB2 Datasheet HTML 60Page - Microsemi Corporation IO128RSB2 Datasheet HTML 61Page - Microsemi Corporation IO128RSB2 Datasheet HTML 62Page - Microsemi Corporation IO128RSB2 Datasheet HTML 63Page - Microsemi Corporation IO128RSB2 Datasheet HTML 64Page - Microsemi Corporation IO128RSB2 Datasheet HTML 65Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 210 page
background image
ProASIC3 Flash Family FPGAs
Re vi s i on 15
2 - 56
Table 2-72 • 1.8 V LVCMOS High Slew
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 1.7 V
Applicable to Standard Plus I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
2 mA
Std.
0.66
11.33
0.04
1.20
0.43
8.72
11.33
2.24
1.52
10.96
13.57
ns
–1
0.56
9.64
0.04
1.02
0.36
7.42
9.64
1.91
1.29
9.32
11.54
ns
–2
0.49
8.46
0.03
0.90
0.32
6.51
8.46
1.68
1.14
8.18
10.13
ns
4 mA
Std.
0.66
6.48
0.04
1.20
0.43
5.48
6.48
2.65
2.60
7.72
8.72
ns
–1
0.56
5.51
0.04
1.02
0.36
4.66
5.51
2.25
2.21
6.56
7.42
ns
–2
0.49
4.84
0.03
0.90
0.32
4.09
4.84
1.98
1.94
5.76
6.51
ns
6 mA
Std.
0.66
4.06
0.04
1.20
0.43
3.84
4.06
2.93
3.10
6.07
6.30
ns
–1
0.56
3.45
0.04
1.02
0.36
3.27
3.45
2.49
2.64
5.17
5.36
ns
–2
0.49
3.03
0.03
0.90
0.32
2.87
3.03
2.19
2.32
4.54
4.70
ns
8 mA
Std.
0.66
4.06
0.04
1.20
0.43
3.84
4.06
2.93
3.10
6.07
6.30
ns
–1
0.56
3.45
0.04
1.02
0.36
3.27
3.45
2.49
2.64
5.17
5.36
ns
–2
0.49
3.03
0.03
0.90
0.32
2.87
3.03
2.19
2.32
4.54
4.70
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com