Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L1DMPPA21 Datasheet(PDF) 32 Page - Texas Instruments

Part # L1DMPPA21
Description  OMAP-L137 Low-Power Applications Processor
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

L1DMPPA21 Datasheet(HTML) 32 Page - Texas Instruments

Back Button L1DMPPA21 Datasheet HTML 28Page - Texas Instruments L1DMPPA21 Datasheet HTML 29Page - Texas Instruments L1DMPPA21 Datasheet HTML 30Page - Texas Instruments L1DMPPA21 Datasheet HTML 31Page - Texas Instruments L1DMPPA21 Datasheet HTML 32Page - Texas Instruments L1DMPPA21 Datasheet HTML 33Page - Texas Instruments L1DMPPA21 Datasheet HTML 34Page - Texas Instruments L1DMPPA21 Datasheet HTML 35Page - Texas Instruments L1DMPPA21 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 222 page
background image
OMAP-L137
SPRS563G – SEPTEMBER 2008 – REVISED JUNE 2014
www.ti.com
3.7.6
Serial Peripheral Interface Modules (SPI0, SPI1)
Table 3-10. Serial Peripheral Interface (SPI) Terminal Functions
PIN
NO
SIGNAL NAME
TYPE(1)
PULL(2)
MUXED
DESCRIPTION
ZKB
SPI0
UART0, EQEP0B,
SPI0_SCS[0] /UART0_RTS/EQEP0B/GP5[4]/BOOT[4]
N4
I/O
IPU
SPI0 chip select
GPIO, BOOT
UART0, EQEP0A,
SPI0_ENA /UART0_CTS/EQEP0A/GP5[3]/BOOT[3]
R5
I/O
IPU
SPI0 enable
GPIO, BOOT
SPI0_CLK/EQEP1I/GP5[2]/BOOT[2]
T5
I/O
IPD
eQEP1, GPIO, BOOT
SPI0 clock
SPI0 data slave-in-
SPI0_SIMO[0]/EQEP0S/GP5[1]/BOOT[1]
P6
I/O
IPD
master-out
eQEP0, GPIO, BOOT
SPI0 data slave-out-
SPI0_SOMI[0]/EQEP0I/GP5[0]/BOOT[0]
R6
I/O
IPD
master-in
SPI1
SPI1_SCS[0] /UART2_TXD/GP5[13]
P4
I/O
IPU
SPI1 chip select
UART2, GPIO
SPI1_ENA /UART2_RXD/GP5[12]
R4
I/O
IPU
SPI1 enable
SPI1_CLK/EQEP1S/GP5[7]/BOOT[7]
T6
I/O
IPD
eQEP1, GPIO, BOOT
SPI1 clock
SPI1 data slave-in-
SPI1_SIMO[0]/I2C1_SDA/GP5[6]/BOOT[6]
N5
I/O
IPU
master-out
I2C1, GPIO, BOOT
SPI1 data slave-out-
SPI1_SOMI[0]/I2C1_SCL/GP5[5]/BOOT[5]
P5
I/O
IPU
master-in
(1)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: The pin type shown refers to the input, output or high-impedance state of the pin function when configured as the the signal name
highlighted in bold. All multiplexed signals may enter a high-impedance state when the configured function is input-only or the configured
function supports high-Z operation. All GPIO signals can be used as input or output. For multiplexed pins where functions have different
types (ie., input versus output), the table reflects the pin function direction for that particular peripheral.
(2)
IPD = Internal Pulldown resistor, IPU = Internal Pullup resistor
32
Device Overview
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP-L137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com