Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF2139D Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # SF2139D
Description  177.0 MHz SAW Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SF2139D Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  SF2139D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SF2139D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SF2139D Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SF2139D Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SF2139D Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. SF2139D Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.RFM.com E-mail: info@rfm.com
Page 2 of 6
©2009 by RF Monolithics, Inc.
SF2139D - 7/9/09
CH1
S11
1 U FS
CENTR
177
. 000
MHz
SPAN
100
. 000
MHz
Cor
CH2
S21
LOG
10 dB/
REF -7.698 dB
CENTER
177 . 000
000
MHz
SPAN
100
. 000
000
MHz
Cor
CH3
S22
1 U FS
CENTR
177
. 000
MHz
SP AN
100
. 000
MHz
Cor
6 Mar 2009 11:18:17
1
1: 26 . 826
-3 . 6221
248
. 25
pF
177 . 000
000
MHz
1
2
3
4
1 : 0. 0000
dB
0. 000
000
MHz
REF=1
CH2
Markers
B W :
23 . 821404
MHz
c ent
:
176 . 778603
MHz
Q : 7. 4210
1_ loss
: - 7 . 6958
dB
1
1 : 27 . 332
-10
. 479
85 . 804
pF
177 . 000
000
MHz
SF2139D BIAS+0.5UM'S
Full
Full



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com