Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF2139D Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # SF2139D
Description  177.0 MHz SAW Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SF2139D Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  SF2139D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SF2139D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SF2139D Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SF2139D Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SF2139D Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. SF2139D Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.RFM.com E-mail: info@rfm.com
Page 3 of 6
©2009 by RF Monolithics, Inc.
SF2139D - 7/9/09
CH1
S11
LOG
10 dB /
REF 0 dB
CENTR
177
. 000
M Hz
SPAN
100
. 000
M Hz
Cor
CH2
S 21
LOG
10 dB/
REF -7.698 dB
CENT ER
177
. 000
000
MHz
SPA N
100 . 000
000
MHz
Cor
CH3
S22
LO G
10 dB/
REF 0 dB
CE NT R
177
. 000
M Hz
S PAN
100
. 000
M Hz
Cor
6 Mar 2009 11:20:18
1
2
3
3 : - 9 . 1614
dB
187
. 000
000
MHz
CH1
M arkers
1 : -10
. 318
dB
177
. 000
MHz
2 : -11
. 047
dB
167
. 000
MHz
1
2
3
4
1 : 0 . 0000
dB
0 . 000
000
MHz
RE F=1
CH2
Mar kers
B W :
23 . 827048
MHz
c ent
:
176 . 778625
MHz
Q : 7 . 4192
1_ loss
: -7 . 7004
dB
1
2
3
3 : -7 . 3876
dB
187
. 000
000
MHz
CH3
Mar kers
1 : - 9 . 8974
dB
177
. 000
MHz
2 : - 12
. 421
dB
167
. 000
MHz
SF2139D BIAS +0.5UM' S
Full
Full



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com