Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP120N4F6 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STP120N4F6
Description  N-channel 40 V, 3.8 m廓 , 80 A, TO-220 STripFET??VI DeepGATE??Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP120N4F6 Datasheet(HTML) 4 Page - STMicroelectronics

  STP120N4F6 Datasheet HTML 1Page - STMicroelectronics STP120N4F6 Datasheet HTML 2Page - STMicroelectronics STP120N4F6 Datasheet HTML 3Page - STMicroelectronics STP120N4F6 Datasheet HTML 4Page - STMicroelectronics STP120N4F6 Datasheet HTML 5Page - STMicroelectronics STP120N4F6 Datasheet HTML 6Page - STMicroelectronics STP120N4F6 Datasheet HTML 7Page - STMicroelectronics STP120N4F6 Datasheet HTML 8Page - STMicroelectronics STP120N4F6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical characteristics
STP120N4F6
4/13
Doc ID 018846 Rev 1
2
Electrical characteristics
(TCASE = 25 °C unless otherwise specified)
Table 5.
Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
Voltage
ID = 250 µA, VGS= 0
40
V
IDSS
Zero gate voltage drain
current (VGS = 0)
VDS = 20 V
VDS = 20 V,Tc = 125 °C
1
10
µA
µA
IGSS
Gate body leakage current
(VDS = 0)
VGS = ± 20 V
±
100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
2
4
V
RDS(on)
Static drain-source on
resistance
VGS = 10 V, ID = 40 A
3.8
4.3
m
Ω
Table 6.
Dynamic
Symbol
Parameter
Test conditions
Min
Typ.
Max.
Unit
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 25 V, f=1 MHz,
VGS = 0 V
-
3850
650
350
-
pF
pF
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD = 20 V, ID = 80 A
VGS = 10 V
(see Figure 14)
-
65
20
16
-
nC
nC
nC
RG
Intrinsic gate resistance
f = 1 MHz open drain
-
1.5
-
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com