Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP120N4F6 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STP120N4F6
Description  N-channel 40 V, 3.8 m廓 , 80 A, TO-220 STripFET??VI DeepGATE??Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP120N4F6 Datasheet(HTML) 5 Page - STMicroelectronics

  STP120N4F6 Datasheet HTML 1Page - STMicroelectronics STP120N4F6 Datasheet HTML 2Page - STMicroelectronics STP120N4F6 Datasheet HTML 3Page - STMicroelectronics STP120N4F6 Datasheet HTML 4Page - STMicroelectronics STP120N4F6 Datasheet HTML 5Page - STMicroelectronics STP120N4F6 Datasheet HTML 6Page - STMicroelectronics STP120N4F6 Datasheet HTML 7Page - STMicroelectronics STP120N4F6 Datasheet HTML 8Page - STMicroelectronics STP120N4F6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
STP120N4F6
Electrical characteristics
Doc ID 018846 Rev 1
5/13
Table 7.
Switching on/off (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on delay time
Rise time
VDD = 20 V, ID = 40 A,
RG = 4.7 Ω, VGS = 10 V
(see Figure 15)
-
20
70
-
ns
ns
td(off)
tf
Turn-off delay time
Fall time
-
40
20
-
ns
ns
Table 8.
Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
ISDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current
Source-drain current (pulsed)
-
80
320
A
A
VSD
(2)
2.
Pulsed: pulse duration = 300 µs, duty cycle 1.5%
Forward on voltage
ISD = 40 A, VGS = 0
-1.1
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 80 A,
di/dt = 100 A/µs,
VDD = 30 V
(see Figure 17)
-
40
56
2.8
ns
nC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com