Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC021 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CLC021
Description  SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLC021 Datasheet(HTML) 2 Page - Texas Instruments

  CLC021 Datasheet HTML 1Page - Texas Instruments CLC021 Datasheet HTML 2Page - Texas Instruments CLC021 Datasheet HTML 3Page - Texas Instruments CLC021 Datasheet HTML 4Page - Texas Instruments CLC021 Datasheet HTML 5Page - Texas Instruments CLC021 Datasheet HTML 6Page - Texas Instruments CLC021 Datasheet HTML 7Page - Texas Instruments CLC021 Datasheet HTML 8Page - Texas Instruments CLC021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
CLC021
SNLS068H – MAY 2000 – REVISED APRIL 2013
www.ti.com
DESCRIPTION (CONTINUED)
Functions performed by the CLC021 include: parallel-to-serial data conversion, ITU-R BT.601-4 input data
clipping, data encoding using the SMPTE polynomial (X9+X4+1), data format conversion from NRZ to NRZI,
parallel data clock frequency multiplication and encoding with the serial data, and differential, serial output data
driving. The CLC021 has circuitry for automatic EDH character and flag generation and insertion per SMPTE RP-
165. The CLC021 has an exclusive built-in self-test (BIST) and video test pattern generator (TPG) with 16
component video test patterns: reference black, PLL and EQ pathologicals and modified colour bars in 4:3 and
16:9 raster formats for NTSC and PAL formats*.
The CLC021 has inputs for enabling sync detection, non-SMPTE mode operation, enabling the EDH function,
NRZ/NRZI mode control and an external reset control. Outputs are provided for H, V and F bits, new TRS sync
character position indication, ancilliary data header detection, NTSC/PAL raster indication and PLL lock detect.
Separate power pins for the output driver, VCO and the serializer improve power supply rejection, output jitter
and noise performance.
The CLC021AVGZ-5.0V is powered by a single +5V supply. The CLC021AVGZ-3.3V is powered by a single
+3.3V supply. Power dissipation is typically 235 mW including two 75
Ω back-matched output loads. The device is
packaged in a JEDEC metric 44-lead PQFP.
BLOCK DIAGRAM
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: CLC021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com