Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC021 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # CLC021
Description  SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLC021 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CLC021 Datasheet HTML 9Page - Texas Instruments CLC021 Datasheet HTML 10Page - Texas Instruments CLC021 Datasheet HTML 11Page - Texas Instruments CLC021 Datasheet HTML 12Page - Texas Instruments CLC021 Datasheet HTML 13Page - Texas Instruments CLC021 Datasheet HTML 14Page - Texas Instruments CLC021 Datasheet HTML 15Page - Texas Instruments CLC021 Datasheet HTML 16Page - Texas Instruments CLC021 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
CLC021
www.ti.com
SNLS068H – MAY 2000 – REVISED APRIL 2013
Figure 8. Test Pattern Generator Control Sequence
Table 1. BIST and Test Pattern Generator Control Functions
Pin
Name
Function
12
D0
TPG Code Input LSB
13
D1
TPG Code Input
14
D2
TPG Code Input
15
D3
TPG Code Input MSB
29
TPG_EN
TPG Enable, Active High True
3
Test_Out
BIST Pass/Fail Output. Pass=High (See text for Timing
Requirements)
Table 2. Component Video Test Pattern Selection(1)
Standard
Frame
Test Pattern
D3
D2
D1
D0
NTSC
4x3
Flat-Field Black
0
0
0
0
NTSC
4x3
PLL Pathological
0
0
0
1
NTSC
4x3
EQ Pathological
0
0
1
0
NTSC
4x3
Colour Bars, 75%, 8-Bars (modified, see text), BIST
0
0
1
1
PAL
4x3
Flat-Field Black
0
1
0
0
PAL
4x3
PLL Pathological, BIST
0
1
0
1
PAL
4x3
EQ Pathological
0
1
1
0
PAL
4x3
Colour Bars, 75%, 8-Bars (modified, see text)
0
1
1
1
NTSC
16x9
Flat-Field Black
1
0
0
0
NTSC
16x9
PLL Pathological
1
0
0
1
NTSC
16x9
EQ Pathological
1
0
1
0
NTSC
16x9
Colour Bars, 75%, 8-bars (modified, see text)
1
0
1
1
PAL
16x9
Flat-Field Black
1
1
0
0
PAL
16x9
PLL Pathological
1
1
0
1
PAL
16x9
EQ Pathological
1
1
1
0
PAL
16x9
Colour Bars, 75%, 8-Bars (modified, see text)
1
1
1
1
(1)
D9 through D4 = 0 (binary)
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: CLC021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com