Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLSP0020JB-A Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # PLSP0020JB-A
Description  Old Company Name in Catalogs and Other Documents
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PLSP0020JB-A Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button PLSP0020JB-A Datasheet HTML 28Page - Renesas Technology Corp PLSP0020JB-A Datasheet HTML 29Page - Renesas Technology Corp PLSP0020JB-A Datasheet HTML 30Page - Renesas Technology Corp PLSP0020JB-A Datasheet HTML 31Page - Renesas Technology Corp PLSP0020JB-A Datasheet HTML 32Page - Renesas Technology Corp PLSP0020JB-A Datasheet HTML 33Page - Renesas Technology Corp PLSP0020JB-A Datasheet HTML 34Page - Renesas Technology Corp PLSP0020JB-A Datasheet HTML 35Page - Renesas Technology Corp PLSP0020JB-A Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 51 page
background image
R8C/1A Group, R8C/1B Group
5. Electrical Characteristics
Rev.1.40
Dec 08, 2006
Page 30 of 45
REJ03B0144-0140
NOTES:
1.
The measurement condition is VCC = 5.0 V and Topr = 25
°C.
2.
Refer to 10.6.4 High-Speed On-Chip Oscillator Clock for notes on high-speed on-chip oscillator clock.
3.
The standard value shows when the HRA1 register is assumed as the value in shipping and the HRA2 register value is set to
00h.
NOTES:
1.
The measurement condition is VCC = 2.7 to 5.5 V and Topr = 25
°C.
2.
Waiting time until the internal power supply generation circuit stabilizes during power-on.
3.
Time until CPU clock supply starts after the interrupt is acknowledged to exit stop mode.
Table 5.10
High-Speed On-Chip Oscillator Circuit Electrical Characteristics
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
−
High-speed on-chip oscillator frequency when the
reset is deasserted
VCC = 5.0 V, Topr = 25
°C
−
8
−
MHz
−
High-speed on-chip oscillator frequency
temperature
• supply voltage dependence(2)
0 to +60 °C/5 V ± 5 %(3)
7.76
−
8.24
MHz
-20 to +85 °C/2.7 to 5.5 V(3)
7.68
−
8.32
MHz
-40 to +85 °C/2.7 to 5.5 V(3)
7.44
−
8.32
MHz
Table 5.11
Power Supply Circuit Timing Characteristics
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
td(P-R)
Time for internal power supply stabilization during
power-on(2)
1
−
2000
µs
td(R-S)
STOP exit time(3)
−−
150
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com