| Electronic Components Datasheet Search |
|
FT4232H Datasheet(PDF) 2 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
FT4232H Datasheet(HTML) 2 Page - Future Technology Devices International Ltd. |
|
2 / 45 page ![]() Copyright © 2010 Future Technology Devices International Limited 2 Document No.: FT_000060 FT4232H QUAD HIGH SPEED USB TO MULTIPURPOSE UART/MPSSE IC Datasheet Version 2.2 Clearance No.: FTDI#78 1 Typical Applications Single chip USB to four channels UART (RS232, RS422 or RS485) or Bit-Bang interfaces. Single chip USB to 2 JTAG channels plus 2 UARTS. Single chip USB to 1 JTAG channel plus 3 UARTS. Single chip USB to 1 SPI channel plus 3 UARTS. Single chip USB to 2 SPI channels plus 2 UARTS. Single chip USB to 2 Bit-Bang channels plus 2 UARTS. Single chip USB to 1 SPI channel, plus 1 JTAG channel plus 2 UARTS. Single chip USB to 2 I2C channels plus 2 UARTS. Numerous combinations of 4 channels. Upgrading Legacy Peripheral Designs to USB Field Upgradable USB Products Cellular and cordless phone USB data transfer cables and interfaces. Interfacing MCU / PLD / FPGA based designs to USB PDA to USB data transfer USB Smart Card Readers USB Instrumentation USB Industrial Control USB MP3 Player Interface USB FLASH Card Reader / Writers Set Top Box PC - USB interface USB Digital Camera Interface USB Bar Code Readers 1.1 Driver Support The FT4232H requires USB drivers (listed below) , available free from http://www.ftdichip.com, which are used to make the FT4232H appear as a virtual COM port (VCP). This allows the user to communicate with the USB interface via a standard PC serial emulation port (for example TTY). Another FTDI USB driver, the D2XX driver, can also be used with application software to directly access the FT4232H through a DLL. Royalty free VIRTUAL COM PORT (VCP) DRIVERS for... Windows 2000, Server 2003, Server 2008 Windows XP and XP 64-bit Windows Vista and Vista 64-bit Windows XP Embedded Windows CE 4.2, 5.0, 5.2 and 6.0 Mac OS-X Windows 7 and Windows 7 64-bit Royalty free D2XX Direct Drivers (USB Drivers + DLL S/W Interface) Windows 2000, Server 2003, Server 2008 Windows XP and XP 64-bit Windows Vista and Vista 64-bit Windows XP Embedded Windows CE 4.2, 5.0, 5.2 and 6.0 Linux (2.4 or later) and Linux x86_64 Windows 7 and Windows 7 64-bit For driver installation, please refer to the application note: AN_107, “Advanced Driver Options”. AN_103, “FTDI Drivers Installation Guide for VISTA”. AN_119, “FTDI Drivers Installation Guide for Windows7”. AN_104, “FTDI Drivers Installation Guide for WindowsXP”. The following additional installation guides application notes and technical notes are also available: AN_113, “Interfacing FT2232H Hi-Speed Devices To I2C Bus”. AN_109 – “Programming Guide for High Speed FTCI2C DLL” AN_110 – “Programming Guide for High Speed FTCJTAG DLL” AN_111 – “Programming Guide for High Speed FTCSPI DLL” AN 113 – “Interfacing FT2232H Hi-Speed Devices To I2C Bus” AN114 – “Interfacing FT2232H Hi-Speed Devices To SPI Bus” AN135 – MPSSE Basics AN108 - Command Processor For MPSSE and MCU Host Bus Emulation Modes TN_104, “Guide to Debugging Customers Failed Driver Installation” |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |