Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT4232H Datasheet(PDF) 3 Page - Future Technology Devices International Ltd.

Part # FT4232H
Description  Quad High Speed USB to Multipurpose UART/MPSSE IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT4232H Datasheet(HTML) 3 Page - Future Technology Devices International Ltd.

  FT4232H Datasheet HTML 1Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 2Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 3Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 4Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 5Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 6Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 7Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 8Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
Copyright © 2010 Future Technology Devices International Limited
3
Document No.: FT_000060
FT4232H QUAD HIGH SPEED USB TO MULTIPURPOSE UART/MPSSE IC
Datasheet Version 2.2
Clearance No.: FTDI#78
1.2 Part Numbers
Part Number
Package
FT4232HL-XXXX
64 Pin LQFP
FT4232HQ-XXXX
64 Pin QFN
Note: Packaging codes for xxxx is:
- Reel: Taped and Reel (LQFP =1000 pcs per reel, QFN =4000 pcs per reel)
-Tray: Tray packing, (LQFP =160 pcs per tray, QFN =260 pcs per tray)
Please refer to section 8 for all package mechanical parameters.
1.3 USB Compliant
The FT4232H is fully compliant with the USB 2.0 specification and has been given the USB-IF Test-ID
(TID) 40720024.
The timing of the rise/fall time of the USB signals is not only dependant on the USB signal drivers, it is
also dependant system and is affected by factors such as PCB layout, external components and any
transient protection present on the USB signals. For USB compliance these may require a slight
adjustment. This timing can be modified through a programmable setting stored in the same external
EEPROM that is used for the USB descriptors. Timing can also be changed by adding appropriate passive
components to the USB signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com