Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FME002S201 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FME002S201
Description  Code for Special Contacts
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FME002S201 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FME002S201 Datasheet HTML 1Page - List of Unclassifed Manufacturers FME002S201 Datasheet HTML 2Page - List of Unclassifed Manufacturers FME002S201 Datasheet HTML 3Page - List of Unclassifed Manufacturers FME002S201 Datasheet HTML 4Page - List of Unclassifed Manufacturers FME002S201 Datasheet HTML 5Page - List of Unclassifed Manufacturers FME002S201 Datasheet HTML 6Page - List of Unclassifed Manufacturers FME002S201 Datasheet HTML 7Page - List of Unclassifed Manufacturers FME002S201 Datasheet HTML 8Page - List of Unclassifed Manufacturers FME002S201 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
TECHNISCHE ÄNDERUNGEN VORBEHALTEN - MAßE IN MILLIMETER (INCHES IN KLAMMERN)
28
ML 12/2008
Mechanical Data
Mechanische Daten
Mating and unmating force (pair of contacts)
Steck- und Ziehkräfte (Kontaktpaar)
7 N
Recommended temperature range
-55 °C bis 135 °C (-67 °F to 275 °F)
Empfohlener Temperaturbereich
Mating cycles (Standard)
Steckzyklen (Standard)
500
Mating cycles (low cost)
Steckzyklen (Low cost)
200
Electrical Data
Elektrische Daten
Characteristic impedance
50
Wellenwiderstand
/ 75
Insulation resistance
Isolationswiderstand
10 G
Contact resistance inner conductor
Durchgangswiderstand Innenleiter
2,7 m
Contact resistance outer conductor
Durchgangswiderstand Außenleiter
2,7 m
Dielectric withstanding voltage
750 V / 50 Hz
Spannungsfestigkeit
Working voltage
250 Vrms
Betriebsspannung
Current rating (DC)
2 A
Max. Kontaktstrom (DC)
Coaxial Contacts
Koaxialkontakte
Technical Data
Technische Daten
Materials 
Materialien
Electrical Data
Elektrische Daten
Mechanical Data
Mechanische Daten
Materials
Materialien
Outer conductor
Cu alloy
Außenleiter
Cu Legierung
Inner conductor
Cu alloy
Innenleiter
Cu Legierung
Retaining clip
Cu alloy
Halteclip
Cu Legierung
Insulators
Isolierteile
PTFE / PBTP / PI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com