Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FME002S201 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # FME002S201
Description  Code for Special Contacts
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FME002S201 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button FME002S201 Datasheet HTML 3Page - List of Unclassifed Manufacturers FME002S201 Datasheet HTML 4Page - List of Unclassifed Manufacturers FME002S201 Datasheet HTML 5Page - List of Unclassifed Manufacturers FME002S201 Datasheet HTML 6Page - List of Unclassifed Manufacturers FME002S201 Datasheet HTML 7Page - List of Unclassifed Manufacturers FME002S201 Datasheet HTML 8Page - List of Unclassifed Manufacturers FME002S201 Datasheet HTML 9Page - List of Unclassifed Manufacturers FME002S201 Datasheet HTML 10Page - List of Unclassifed Manufacturers FME002S201 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
TECHNISCHE ÄNDERUNGEN VORBEHALTEN - MAßE IN MILLIMETER (INCHES IN KLAMMERN)
32
ML 12/2008
Order Number
Ø A
Ø B
Ø C
Ø D
E
F
G
H
J
K
L
Bestellnummer
max.
max.
max.
max.
0,85
1,9
2,3
3,2
9,5
5,0
3,0
8,00
19,3
19,8
18,5
(0.033) (0.075) (0.091) (0.126) (0.374) (0.197) (0.118) (0.315) (0.760) (0.780) (0.728)
0,85
1,2
1,4
2,3
9,5
5,0
3,0
8,00
19,3
19,8
18,5
(0.033) (0.047) (0.055) (0.091) (0.374) (0.197) (0.118) (0.315) (0.760) (0.780) (0.728)
0,85
1,9
2,7
3,2
9,5
5,0
3,0
8,00
19,3
19,8
19,5
(0.033) (0.075) (0.106) (0.126) (0.374) (0.197) (0.118) (0.315) (0.760) (0.780) (0.768)
FMX029...
FMX031...
FMX032...
Order Number
Plug
Bestellnummer
Stecker
FMX029P102
standard
1,3 µm Au
0,8 µm Au
1,3 µm Au
0,2 µm Au
174U,
FMX029S102
FMX029P101
low cost
0,2 µm Au
0,2 µm Au
0,2 µm Au
5 µm Sn
188AU, 316U
FMX029S101
FMX029P202
standard
AuroPur
AuroPur
AuroPur
0,2 µm Au
174U,
FMX029S202
FMX029P201
low cost
AuroPur
AuroPur
AuroPur
5 µm Sn
188AU, 316U
FMX029S201
FMX031P102*
standard
1,3 µm Au
0,8 µm Au
1,3 µm Au
0,2 µm Au
178BU,
FMX031S102*
FMX031P101*
low cost
0,2 µm Au
0,2 µm Au
0,2 µm Au
5 µm Sn
196AU, 404U
FMX031S101*
FMX032P102*
standard
1,3 µm Au
0,8 µm Au
1,3 µm Au
0,2 µm Au
316U double braided
FMX032S102*
FMX032P101*
low cost
0,2 µm Au
0,2 µm Au
0,2 µm Au
5 µm Sn
doppelt geschirmt
FMX032S101*
Other platings on request / Andere Oberflächen auf Anfrage
8 microinches = 0,2 µm
50 microinches = 1,3 µm
Tools from page 94 onwards / Werkzeuge ab Seite 94 ff.
30 microinches = 0,8 µm
200 microinches = 5 µm
* Turned crimp ferrule with inspection hole, please see illustration on page 31.
* Gedrehte Crimphülse mit Inspektionsbohrung, siehe Darstellung auf Seite 31.
Type
Ausführung
Innenleiter
Inner Conductor
Außenleiter
Innenleiter
Außenleiter
Verwendbare Kabel
RG-
Bestellnummer
Steckdose
Outer Conductor
Suitable Cables
RG-
Outer Conductor
Inner Conductor
Platings / Oberflächen
Steckbereich
Mating Area
Anschlussbereich
Termination Area
Order Number
Receptacles
Inner Conductor
Outer Conductor
Innenleiter
Außenleiter
Solder termination
Crimp or solder termination
Löten
Crimpen oder Löten
FMX Coaxial Contacts, 50 Ohm, Right Angled Cable Termination
FMX Koaxialkontakte, 50 Ohm, abgewinkelter Kabelanschluss
Dimensions
Abmessungen



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com