Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF2091C Datasheet(PDF) 2 Page - RF Monolithics, Inc

Part # SF2091C
Description  Low Insertion Loss
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2091C Datasheet(HTML) 2 Page - RF Monolithics, Inc

  SF2091C Datasheet HTML 1Page - RF Monolithics, Inc SF2091C Datasheet HTML 2Page - RF Monolithics, Inc SF2091C Datasheet HTML 3Page - RF Monolithics, Inc SF2091C Datasheet HTML 4Page - RF Monolithics, Inc SF2091C Datasheet HTML 5Page - RF Monolithics, Inc SF2091C Datasheet HTML 6Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.RFM.com E-mail: info@rfm.com
Page 2 of 6
©2009-2010 by RF Monolithics, Inc.
SF2091C - 6/14/10
CH1
S11
1 U FS
CENTR
385 . 000
MHz
SPAN
100 . 000
MHz
C
PRm
CH2
S21
LOG
10 dB/
REF -10 dB
CENTER
385 . 000
000
MHz
SPAN
100 . 000
000
MHz
C
PRm
CH3
S22
1 U FS
CENTR
385 . 000
MHz
SPAN
100 . 000
MHz
C
18 Nov 2005 16:11:28
1
1 : 36 . 736
13 . 063
5 . 3999
nH
385 . 000
000
MHz
1
2
3
4
1 : 0 . 0000
dB
0 . 000
000
MHz
Max
REF=1
CH2
Markers
BW :
34 . 092049
MHz
cent
:
385 . 259820
MHz
Q: 11 . 301
1_ loss
: -9 . 1736
dB
1
1 : 41 . 326
14 . 670
6 . 0644
nH
385 . 000
000
MHz
sf2091c
Full
Full



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com