Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF2091C Datasheet(PDF) 3 Page - RF Monolithics, Inc

Part # SF2091C
Description  Low Insertion Loss
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2091C Datasheet(HTML) 3 Page - RF Monolithics, Inc

  SF2091C Datasheet HTML 1Page - RF Monolithics, Inc SF2091C Datasheet HTML 2Page - RF Monolithics, Inc SF2091C Datasheet HTML 3Page - RF Monolithics, Inc SF2091C Datasheet HTML 4Page - RF Monolithics, Inc SF2091C Datasheet HTML 5Page - RF Monolithics, Inc SF2091C Datasheet HTML 6Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.RFM.com E-mail: info@rfm.com
Page 3 of 6
©2009-2010 by RF Monolithics, Inc.
SF2091C - 6/14/10
CH1
S21
DEL
20 ns/
REF 320 ns
CENTER
385 . 000
000
MHz
SPAN
40 . 000
000
MHz
C
Smo
PRm
CH3
S21
LOG
1 dB/
REF -7.651 dB
C
18 Nov 2005 16:14:40
1
2
3
3 : -5 . 3692
ns
-30
. 000
000
MHz
REF=2
CH1
Markers
mean
: 303 . 07
ns
s . dev
: 8 . 1164
ns
p-p
: 29 . 840
ns
1
2
3
3 : - . 08320
dB
-30
. 000
000
MHz
REF=2
CH3
Markers
mean
: -9 . 6368
dB
s . dev
: . 20680
dB
p-p
: . 91380
dB
sf2091c
Full



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com