Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXR7-SW65 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # LXR7-SW65
Description  High Flux Density and Efficacy
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LXR7-SW65 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button LXR7-SW65 Datasheet HTML 3Page - NXP Semiconductors LXR7-SW65 Datasheet HTML 4Page - NXP Semiconductors LXR7-SW65 Datasheet HTML 5Page - NXP Semiconductors LXR7-SW65 Datasheet HTML 6Page - NXP Semiconductors LXR7-SW65 Datasheet HTML 7Page - NXP Semiconductors LXR7-SW65 Datasheet HTML 8Page - NXP Semiconductors LXR7-SW65 Datasheet HTML 9Page - NXP Semiconductors LXR7-SW65 Datasheet HTML 10Page - NXP Semiconductors LXR7-SW65 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
LUXEONMDatasheetDS10320140714©2014PhilipsLumiledsLightingCompany.
6
ProductSelectionGuideforLUXEONM3VWhite
JunctionTemperature=85°C
Table 5.
Performance Characteristics at 2800mA for LXR0-QR00 Products
Nominal
CCT
Part
Number
Minimum
CRI
Minimum Luminous
Flux (lm)
Typical Luminous
Flux (lm)
3000K
LXR7-QW30
70
870
1000
4000K
LXR7-QW40
70
970
1076
5000K
LXR7-QW50
70
970
1080
5700K
LXR7-QW57
70
970
1110
6500K
LXR7-QW65
70
970
1130
2700K
LXR8-QW27
80
730
800
3000K
LXR8-QW30
80
780
850
3500K
LXR8-QW35
80
780
870
4000K
LXR8-QW40
80
840
920
5000K
LXR8-QW50
80
840
920
2700K
LXR9-QW27
90
600
660
3000K
LXR9-QW30
90
640
736
Notes for Table 5:
1. PhilipsLumiledsmaintainsatoleranceof±6.5%onfluxmeasurementsand±2onCRI.
ProductSelectionGuideforLUXEONM3VRoyalBlue
JunctionTemperature=85°C
Table 6.
Performance Characteristics at 2800mA for LXR0-QR00 Products
Color
Part
Number
Minimum
Radiometric Power (mW)
Typical
Radiometric Power (mW)
Typical Radiant
Efficacy (%)
RoyalBlue
LXR0-QR00
4200
4500
57.4
Note for Table 6:
1. PhilipsLumiledsmaintainsatoleranceof±6.5%onfluxmeasurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com