Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXR7-SW65 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # LXR7-SW65
Description  High Flux Density and Efficacy
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LXR7-SW65 Datasheet(HTML) 3 Page - NXP Semiconductors

  LXR7-SW65 Datasheet HTML 1Page - NXP Semiconductors LXR7-SW65 Datasheet HTML 2Page - NXP Semiconductors LXR7-SW65 Datasheet HTML 3Page - NXP Semiconductors LXR7-SW65 Datasheet HTML 4Page - NXP Semiconductors LXR7-SW65 Datasheet HTML 5Page - NXP Semiconductors LXR7-SW65 Datasheet HTML 6Page - NXP Semiconductors LXR7-SW65 Datasheet HTML 7Page - NXP Semiconductors LXR7-SW65 Datasheet HTML 8Page - NXP Semiconductors LXR7-SW65 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LUXEONMDatasheetDS10320140714©2014PhilipsLumiledsLightingCompany.
2
General Information
ProductNomenclature
LUXEONMemittersarespecifiedandbinned“hot”underconditionscomparabletothosefoundin“real-world”
lightingproducts.
Thepartnumberdesignationisexplainedasfollows:
LXRa-bcde-fghj
Where:
a—designatesminimumCRI(7=70,8=80,9=90,0=RoyalBlue)
b—isSforseriallyconnectedproductwithvoltagelessthan12V;Rforseries-parallelconnectedproductwith
voltagelessthan6V;Qforparallelconnectedproductwithvoltagelessthan3V.
c—designatescolordesignation(W=White,R=RoyalBlue)
d,e—designatesCCT(27=2700K,30=3000K,35=3500K,40=4000K,50=5000K,57=5700K,65=6500K,
00=RoyalBlue)
fghj—minimumfluxlumen(optional)
Thetestconditionsfor12VLUXEONMLXRa-Scde-fghjare700mADCwithjunctiontemperature85°C.Thetest
conditionfor6VLUXEONMLXRa-Rcde-fghjare1400mADCwithjunctiontemperature85°C.Thetestconditionsfor
3VLUXEONMLXRa-Qcde-fghjare2800mADCwithjunctiontemperature85°C.
ThereforeLUXEONM12Vproductstestedandbinnedat700mAfollowthepartnumberingscheme:
LXR7-SW30-xxxx
LXR7-SW40-xxxx
LXR7-SW50-xxxx
LXR7-SW57-xxxx
LXR7-SW65-xxxx
LXR8-SW27-xxxx
LXR8-SW30-xxxx
LXR8-SW35-xxxx
LXR8-SW40-xxxx
LXR8-SW50-xxxx
LXR9-SW27-xxxx
LXR9-SW30-xxxx
LXR0-SR00-xxxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com