Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Thecopyrightand Datasheet(PDF) 6 Page - MORNSUN Science& Technology Ltd.

Part # Thecopyrightand
Description  DUAL/SINGLE OUTPUT DC-DC CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

Thecopyrightand Datasheet(HTML) 6 Page - MORNSUN Science& Technology Ltd.

  Thecopyrightand Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. Thecopyrightand Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. Thecopyrightand Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. Thecopyrightand Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. Thecopyrightand Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. Thecopyrightand Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. Thecopyrightand Datasheet HTML 7Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
WRA_S-3WR2 & WRB_S-3WR2
2013.07.22-A/3
Page 6 of 7
TEST CONFIGURATIONS
Input Reflected-Ripple Current Test Setup
Input reflected-ripple current is measured with an inductor Lin and Capacitor Cin to simulate the source impedance.
DC
Cin
Lin
DC
Load
Oscilloscope
Current
Probe
Lin(4.7
µH)
Cin(220
µF, ESR < 1.0Ω at 100 KHz)
DESIGN CONSIDERATIONS
1) Requirement on output load
To ensure this module can operate efficiently and reliably, during operation, the minimum output load could not be less than 5% of the full load,
otherwise output ripple maybe increase dramatically. If the actual output power is very small, please connect a resistor with proper resistance at the
output end in parallel to increase the load, suppose to use the resistance of 5% rated power, or use our company
’s products with a lower rated output
power.
2) Recommended circuit
All the WRA_S-3WR2 & WRB_S-3WR2 series have been tested according to the following recommended test circuit before leaving the factory
(see Figure 6).
If you want to further decrease the input/output ripple, you can increase a capacitance-values properly or choose capacitors with low ESR.
However, the capacitance of the output filter capacitor must be proper. If the capacitance is too big, a startup problem might arise. For every channel
of output, provided the safe and reliable operation is ensured, the greatest capacitance of its filter capacitor must be less than the Max. Capacitive
Load.
General:
Cin1:
5V&12V
100
μF
24V&48V
10
μF
Cin2:
5V&12V
47
μF
24V&48V
1
μF
Lin:
4.7
μH~12μH
Cs:
10
μF~22μF
Cout:
100
μF(Typ.)
Lout:
2.2
μH~10μH
Cd:
47nF/100V
Single output
Dual output
+Vo
0V
Cout
6
7
8
Cs
Cin1
Vin
GND
2
1
3
Vc
R
Lin
Ic
D1
Cd
Cin2
+Vo
0V
Cout
6
8
7
Cout
Lo ut
L out
-Vo
Ci n1
Vin
GND
2
1
Lin
3
Vc
R
Ic
D1
Cd
C in2
(Figure 6)
3) Ctrl Terminal
When open or high impedance, the converter works well; When this pin is
‘high’, the converter shut down. It should be note that the input current
should be between 5-10mA, exceeding the maximum 20mA will cause permanent damage to the converter. The value of R can be derived as follows:
300
-
0
.
1
-
-
C
D
C
I
V
V
R =
For Detailed param eter, please refer to "EMC RECOMMENDED CIRCUIT".
4) Input current
When it is used in unregulated power supply, be sure that the fluctuating range of the power supply and the rippled voltage do not exceed the
module standard. Input current of power supply should afford the flash startup average current of this kind of DC/DC module (Figure 7).
General: Vin:5V
Iave =1110mA
Vin:12V
Iave =640mA
Vin:24V
Iave =325mA
Vin:48V
Iave =160mA
Input Voltage (V)
Input Voltage
Range
Iave
(Figure 7)
5) It is not recommended to increase the output power capability by connecting two or more converters in parallel. The product is not
hot-swappable



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com