Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Thecopyrightand Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # Thecopyrightand
Description  DUAL/SINGLE OUTPUT DC-DC CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

Thecopyrightand Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  Thecopyrightand Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. Thecopyrightand Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. Thecopyrightand Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. Thecopyrightand Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. Thecopyrightand Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. Thecopyrightand Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. Thecopyrightand Datasheet HTML 7Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
WRA_S-3WR2 & WRB_S-3WR2
2013.07.22-A/3
Page 1 of 7
WRA_S - 3WR2 & WRB_S - 3WR2 Series
3W,WIDE INPUT, ISOLATED & REGULATED
DUAL/SINGLE OUTPUT DC-DC CONVERTER
Patent Protected
RoHS
PART NUMBER SYSTEM
WRB1205S-3WR2
Product Series
Input Voltage
Output Voltage
Package Style
Rated Power
FEATURES
● Ultra-Miniature SIP Package
● 2:1 wide input voltage range
● Temperature range: -40°C ~ +85°C
● 1.5KVDC isolation
● Short Circuit Protection(automatic
recovery)
● External On/Off control
● High Power Density
APPLICATION
The WRA_S-3WR2 & WRB_S-3WR2 Series are
specially designed for applications where a wide range
input voltage power supplies are isolated from the input
power supply in a distributed power supply system on a
circuit board. For these DC-DC converters, you can
reduce
the design
point
of
failure
and
save the
development of micro power supply
‘s manpower, material
and time costs, also better ensure product quality stability,
protect safety and reliability of the end of products.
These products apply to where:
1) Input voltage range
≤2:1;
2) 1.5KVDC input and output isolation;
3) Regulated and low ripple noise is required.
Such as: industrial control, tele-communications etc.
SELECTION GUIDE
Input Voltage(VDC)
Output Current (mA)
Input Current (mA)(typ.)
Model
Nominal
(Range)
Max.
①
Output
Voltage
(VDC)
Max.
Min.
@Max.
Load
@No
Load
Reflected
Ripple
Current
(mA,typ.)
Max.
Capacitive
Load
②
(
µF)
Efficiency
(%, typ.)
@Max.
Load
WRA0505S-3WR2
±5
±250
±13
676
1000
74
WRA0512S-3WR2
±12
±104
±5
650
470
77
WRA0515S-3WR2
±15
±83
±4
650
330
77
WRB0505S-3WR2
5
500
25
685
2200
73
WRB0509S-3WR2
9
278
14
676
1000
74
WRB0512S-3WR2
12
208
10
650
680
77
WRB0515S-3WR2
5
(4.5-9)
11
15
167
8
676
40
30
470
74
WRA1205S-3WR2
±5
±300
±15
321
1000
78
WRA1212S-3WR2
±12
±125
±6
317
470
79
WRA1215S-3WR2
±15
±100
±5
313
330
80
WRB1203S-3WR2
3.3
758
38
278
2700
75
WRB1205S-3WR2
5
600
30
329
2200
76
WRB1209S-3WR2
9
333
17
317
1000
79
WRB1212S-3WR2
12
250
13
305
680
82
WRB1215S-3WR2
15
200
10
302
470
83
WRB1224S-3WR2
12
(9-18)
20
24
125
6
309
20
30
330
81
WRA2405S-3WR2
±5
±300
±15
158
1000
79
WRA2409S-3WR2
±9
±167
±8
155
680
81
WRA2412S-3WR2
±12
±125
±6
151
470
83
WRA2415S-3WR2
±15
±100
±5
151
330
83
WRB2403S-3WR2
3.3
758
38
141
2700
74
WRB2405S-3WR2
5
600
30
155
2200
81
WRB2409S-3WR2
9
333
17
151
1000
83
WRB2412S-3WR2
12
250
13
151
680
83
WRB2415S-3WR2
15
200
10
151
470
83
WRB2424S-3WR2
24
(18-36)
40
24
125
6
151
7
110
330
83


Similar Part No. - Thecopyrightand

ManufacturerPart #DatasheetDescription
logo
Mobile Mark, Inc.
THE NT-1575 MOBILEMARK-THE NT-1575 Datasheet
300Kb / 1P
GPS-only, Heavy Duty Timing 1575 MHz
logo
Infineon Technologies A...
THE6228GP INFINEON-THE6228GP Datasheet
1Mb / 19P
Smart Quad Channel Low-Side Switch
V4.1 2010-07-10
logo
Allen-Bradley
THE901 ALLEN-BRADLEY-THE901 Datasheet
11Mb / 114P
IEC Contactor Specifications
2021
THE902 ALLEN-BRADLEY-THE902 Datasheet
11Mb / 114P
IEC Contactor Specifications
2021
THE903 ALLEN-BRADLEY-THE903 Datasheet
11Mb / 114P
IEC Contactor Specifications
2021
More results

Similar Description - Thecopyrightand

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
DUAL/SINGLE OUTPUT DC-DC CONVERTER
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
Single & Dual Output DC/DC Converter
200HFR MAKE-PS-200HFR Datasheet
246Kb / 4P
Single & Dual Output DC/DC Converter
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
Single & Dual Output DC/DC Converter
1000WFR MAKE-PS-1000WFR Datasheet
161Kb / 3P
Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com