Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3972 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP3972
Description  Power Management Unit for Advanced Application Processors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3972 Datasheet(HTML) 4 Page - Texas Instruments

  LP3972 Datasheet HTML 1Page - Texas Instruments LP3972 Datasheet HTML 2Page - Texas Instruments LP3972 Datasheet HTML 3Page - Texas Instruments LP3972 Datasheet HTML 4Page - Texas Instruments LP3972 Datasheet HTML 5Page - Texas Instruments LP3972 Datasheet HTML 6Page - Texas Instruments LP3972 Datasheet HTML 7Page - Texas Instruments LP3972 Datasheet HTML 8Page - Texas Instruments LP3972 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 59 page
background image
1
2
4
6
5
3
10
9
8
7
11
12
20
19
18
17
16
15
14
13
34
33
32
31
40
39
38
37
36
35
26 25 24 23
21
22
27
30 29 28
Top View
1
2
4
6
5
3
10 9
8
7
11
12
20
19
18
17
16
15
14
13
34
33
32
31
40
39
38
37
36
35
26
25
24
23
21 22
27
30
29
28
Bottom View
LP3972
SNVS468J – SEPTEMBER 2006 – REVISED AUGUST 2011
www.ti.com
Connection Diagram
Note: Circle marks pin 1 position.
40-Pin WQFN, Package Number RSB0040A
PIN DESCRIPTIONS
Pin No.
Name
I/O
Type(1)
Description
1
PWR_ON
I
D
This is an active HI push button input which can be used to signal PWR_ON
and PWR_OFF events to the CPU by controlling the ext_wakeup [pin4] and
select contents of register 8H'88
2
nTEST_JIG
I
D
This is an active LOW input signal used for detecting an external HW event. The
response is seen in the ext_wakeup [pin4] and select contents of register 8H'88
3
SPARE
I
D
This is an input signal used for detecting a external HW event. The response is
seen in the ext_wakeup [pin4] and select contents of register 8H'88. The polarity
on this pin is assignable
4
EXT_WAKEUP
O
D
This pin generates a single 10 ms pulse output to CPU in response to input
from pins 1, 2, and 3. Flags CPU to interrogate register 8H'88
5
FB1
I
A
Buck1 input feedback terminal
6
VIN
I
PWR
Battery Input (Internal circuitry and LDO1-3 power input)
7
VOUT LDO1
O
PWR
LDO1 output
8
VOUT LDO2
O
PWR
LDO2 output
9
nRSTI
I
D
Active low Reset pin. Signal used to reset the IC (by default is pulled high
internally). Typically a push button reset.
10
GND1
G
G
Ground
11
VREF
O
A
Bypass Cap. for the high internal impedance reference.
12
VOUT LDO3
O
PWR
LDO3 output
13
VOUT LDO4
O
PWR
LDO4 output
14
VIN LDO4
I
PWR
Power input to LDO4, this can be connected to either from a 1.8V supply to
main Battery supply.
15
VIN BUBATT
I
PWR
Back Up Battery input supply.
16
VOUT LDO_RTC
O
PWR
LDO_RTC output supply to the RTC of the application processor.
17
nBATT_FLT
O
D
Main Battery fault output, indicates the main battery is low
(discharged) or the dc source has been removed from the system. This gives
the processor an indicator that the power will shut down. During this time the
processor will operate from the back up coin cell.
18
PGND2
G
G
Buck2 NMOS Power Ground
19
SW2
O
PWR
Buck2 switcher output
(1)
A: Analog Pin D: Digital Pin G: Ground Pin P: Power Pin I: Input Pin I/O: Input/Output Pin O: Output Pin
Note: In this document, active-low logic items are prefixed with a lowercase "n".
4
Submit Documentation Feedback
Copyright © 2006–2011, Texas Instruments Incorporated
Product Folder Links: LP3972



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com