Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F00175 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # F00175
Description  Power MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

F00175 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  F00175 Datasheet HTML 1Page - Solid States Devices, Inc F00175 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Features:
• Rugged Construction with Polysilicon Gate Cell
• Low RDS(ON) and High Transconductance
• Excellent High Temperature Stability
• Very Fast Switching Speed
• Fast Recovery and Superior dV/dt Performance
• Increased Reverse Energy Capability
• Low Input and Transfer Capacitance for Easy Paralleling
• Hermetically Sealed Surface Mount Power Package
• TX, TXV, Space Level Screening Available
• Replacement for IXTH24N50 Types
SFF24N50/3
SFF24N50/3T
24 AMP / 500 Volts
0.2
Ω
N-Channel
Power MOSFET
TO-3
Maximum Ratings
Symbol
Value
Units
Drain – Source Voltage
VDS
500
Volts
Gate – Source Voltage
VGS
±20
Volts
Continuous Drain Current (Tj limited)
ID
24
Amps
Avalanche Current
Repetitive
IAR
21
Amps
Avalanche Energy
Repetitive
Single Pulse
EAR
EAS
1
690
mJ
Operating & Storage Temperature
Top & Tstg
-55 to +150
ºC
Thermal Resistance, Junction to Case
RθJC
0.75
(typ 0.6)
ºC/W
Total Device Dissipation @ TC=25ºC
Total Device Dissipation @ TC=55ºC
PD
167
126
WATTS
Package Outline: TO-3
Pin Out:
Pin 1: GATE
Pin 2: SOURCE
Pin 3: DRAIN
Notes:
1.
P/N: SFF 24N50/3:
Pin Diameter : 0.043”
0.038”
2.
P/N: SFF24N50/3T:
Pin Diameter: 0.063”
0.058”
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: F00175E
DOC
1.197
1.177
Ø.875
MAX
2x
.043
.038
.675
.655
.525 MAX
.135 MAX
.440
.420
2x
.225
.205
.450
.250
2x .312 MIN
2x Ø.165
.151
2x R.188 MAX
SEATING PLANE
2
1


Similar Part No. - F00175

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
F00175 SSDI-F00175_15 Datasheet
33Kb / 2P
Power MOSFET
More results

Similar Description - F00175

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com