Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F00201D Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # F00201D
Description  N-Channel POWER MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

F00201D Datasheet(HTML) 2 Page - Solid States Devices, Inc

  F00201D Datasheet HTML 1Page - Solid States Devices, Inc F00201D Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: F00201D
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SFF20N60M
SFF20N60Z
Electrical Characteristics
3/
Symbol
Min
Typ
Max
Units
Drain to Source Breakdown Voltage
(VGS = 0V, ID = 250µA)
BVDSS
600
––
––
Volts
Drain to Source On State Resistance
(VGS = 10V, ID = 60% Rated ID)
RDS(on)
––
0.30
0.35
Ω
On State Drain Current
(VDS > ID(on) x RDS(on) Max, VGS = 10V)
ID(on)
20
25
––
A
Gate Threshold Voltage
(VDS = VGS, ID = 4mA)
VGS(th)
2.0
3.4
4.5
V
Gate to Source Leakage
(At Rated VGS)
IGSS
––
––
±100
nA
Zero Gate Voltage Drain Current
(VGS = 0V)
VDS = Rated, TA = 25ºC
VDS = 80% Rated, TA = 125ºC
IDSS
––
––
––
––
25
1.0
µA
mA
Forward Transconductance *
(VDS > ID(on) x RDS(on) Max, IDS = 50% Rated ID)
gfs
10
20
––
Mho
Total Gate Charge
Gate to Source Charge
Gate to Drain Charge
VGS = 10V
50% Rated VDS
50% Rated ID
Qg
Qgs
Qgd
––
––
––
100
23
45
170
40
85
nC
Turn on Delay Time
Rise Time
Turn on Delay Time
Fall Time
VDD = 50% Rated VDS
50% Rated ID
RG = 6.2Ω
td(on)
tr
td(off)
tf
––
––
––
––
28
30
80
25
40
60
150
60
nsec
Diode Forward Voltage *
(IS = Rated ID, VGS = 0V, TJ = 25°C)
VSD
––
0.875
1.5
V
Diode Reverse Recovery Time
Reverse Recovery Charge
(IF = 10A, di/dt = 100A/µsec, TJ = 25°C)
trr
QRR
––
––
240
1.3
800
––
nsec
µC
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
VGS = 0V
VDS = 25V
f = 1MHz
Ciss
Coss
Crss
––
––
––
4000
400
120
––
––
––
pF
NOTES:
* Pulse test: pulse width = 300µsec, duty cycle = 2%
1/ For ordering information, price, and availability - contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Unless otherwise specified, all electrical characteristics @25ºC.
Available Part Numbers:
SFF20N60M; SFF20N60MDB; SFF20N60MUB;
SFF20N60Z; SFF20N60ZDB; SFF20N60ZUB;
PIN ASSIGNMENT (Standard)
Package
Drain
Source
Gate
TO-254 (M)
Pin 1
Pin 2
Pin 3
TO-254Z (Z)
Pin 1
Pin 2
Pin 3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com