Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F00201D Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # F00201D
Description  N-Channel POWER MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

F00201D Datasheet(HTML) 1 Page - Solid States Devices, Inc

  F00201D Datasheet HTML 1Page - Solid States Devices, Inc F00201D Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: F00201D
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SFF20N60 __ __ __
│
│
│
│
│
│
│
│
│
│
└ Screening
2/ __ = Not Screen
TX = TX Level
TXV = TXV Level
S = S Level
│
│
│
└ Lead Option
3/
__ = Straight Leads
DB = Down Bend
UB = Up Bend
└ Package
3/ M = TO-254
Z = TO-254Z
TO-254 (M)
TO-254Z (Z)
SFF20N60M
SFF20N60Z
20 AMP / 600 Volts
Typ 0.30 Ω
N-Channel POWER MOSFET
Features:
 Rugged Construction with Polysilicon Gate
 Low RDS(ON) and High Transconductance
 Excellent High Temperature Stability
 Very Fast Switching Speed
 Fast Recovery and Superior dV/dt performance
 Increased Reverse Energy Capability
 Low Input and Transfer Capacitance for Easy Paralleling
 Hermetically Sealed, Isolated Surface Mount Power Package
 Ceramic Seals for Improved Hermeticity
 TX, TXV, S-Level screening available
Replacement for IXTH20N60 Types
Maximum Ratings
Symbol
Value
Units
Drain – Source Voltage
VDS
600
Volts
Gate – Source Voltage
VGS
±30
Volts
Continues Drain Current
ID
20
Amps
Avalanche Energy, repetitive
Avalanche energy, single pulse
EAR
EAS
0.03
1.0
J
Power Dissipation
TC = 25ºC
TC = 55ºC
PD
150
114
W
Operating & Storage Temperature
Top & Tstg
-55 to +175
ºC
Maximum Thermal Resistance
Junction to Case
RθJC
0.83
ºC/W
Case Outline: TO-254 (M)
Case Outline: TO-254Z (Z)
Optional Lead Bend Configuration
MDB & ZDB
MUB & ZUB
Suffixes


Similar Part No. - F00201D

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
F00201D SSDI-F00201D_15 Datasheet
164Kb / 2P
N-Channel POWER MOSFET
More results

Similar Description - F00201D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
N-Channel Power MOSFET
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
N-Channel Power MOSFET
logo
Gunter Seniconductor Gm...
GFC224 GSG-GFC224 Datasheet
100Kb / 1P
N Channel Power MOSFET
GFC250 GSG-GFC250 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC254 GSG-GFC254 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC330 GSG-GFC330 Datasheet
98Kb / 1P
N Channel Power MOSFET
logo
ON Semiconductor
EMH2412-TL-H ONSEMI-EMH2412-TL-H Datasheet
550Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
MOSFET N-CHANNEL POWER MOSFET
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com