Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIPD Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # PIPD
Description  Pigtail Integrated InGaAs PIN Photodiode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

PIPD Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  PIPD Datasheet HTML 1Page - OPLINK Communications Inc. PIPD Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
Features
Parameters
Symbol
Specification
Unit
Min.
Typ.
Max.
Operating Wavelength Range
λop
1310±50 or/and
1550±50
nm
Responsivity
@1550nm
R1550
0.80
0.90
A/W
@1310nm
R1310
0.75
0.85
Polarization Dependent Responsivity
PDR
0.1
dB
Dark Current @
VR=5 V (70°C)
Bandwidth=2.0G
Id
2.5
nA
Bandwidth=0.5G
10
Capacitance @
VR=5 V (1MHz)
Bandwidth=2.0G
C
0.7
1
pF
Bandwidth=0.5G
0.7
8
Return loss
RL
40
dB
Fiber Type
Corning SMF-28
Package Dimensions
Pkg 1
(Ø) 5.6 x (L)26.0
mm
Pkg 3/4
(Ø) 3.3 x (L)17.0
Parameters
Min.
Typ.
Max.
Unit
Operating Temperature *
0
+70
°C
Storage Temperature *
-40
+85
°C
Soldering Temperature (<5s, >2mm from device)
260
°C
* Not to exceed 0.024 kg water per kg of dry air.Non-condensing Conditions.
Applications
Performance Specifications
ns
Environmental Conditions
ns
S0063 - R03. (web). 20120618
Pigtail Integrated InGaAs PIN
Photodiode
PIPD Series
Oplink’s PIPD series PIN photodiode is based on InGaAs process. It is designed for power
level monitoring in optical network systems. The product features low dark current and
high responsivity and wide operating wavelength range.
Oplink can provide customized designs to meet specialized feature applications. Also,
Oplink offers modular assemblies that integrate other components to form a full func-
tion module or subsystem.
High Responsivity
Low Dark Current
Quick Response
Wide Operating Wavelength
High Reliability
Laser Welding & Soldering
Power Monitoring
DWDM Systems
“Smart” Optical Amplifiers
Network Links and Optical Cross-
connects
Re-configurable Optical Add/Drop
Multiplexers
Protection/Restoration System


Similar Part No. - PIPD

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
PIPD-S0063 OPLINK-PIPD-S0063 Datasheet
128Kb / 2P
Pigtail Integrated InGaAs PIN Photodiode
PIPD131005011 OPLINK-PIPD131005011 Datasheet
217Kb / 2P
Pigtail Integrated InGaAs PIN Photodiode
PIPD131005012 OPLINK-PIPD131005012 Datasheet
217Kb / 2P
Pigtail Integrated InGaAs PIN Photodiode
PIPD131005031 OPLINK-PIPD131005031 Datasheet
217Kb / 2P
Pigtail Integrated InGaAs PIN Photodiode
PIPD131005042 OPLINK-PIPD131005042 Datasheet
217Kb / 2P
Pigtail Integrated InGaAs PIN Photodiode
More results

Similar Description - PIPD

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G8195 HAMAMATSU-G8195 Datasheet
130Kb / 2P
InGaAs PIN photodiode
logo
Optoway Technology Inc
PD-1310 OPTOWAY-PD-1310 Datasheet
71Kb / 2P
InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH SINGLE-MODE FIBER PIGTAIL
logo
Hamamatsu Corporation
G8376 HAMAMATSU-G8376_06 Datasheet
182Kb / 2P
InGaAs PIN photodiode
logo
OPLINK Communications I...
PIPA043051 OPLINK-PIPA043051 Datasheet
272Kb / 2P
Pigtail Integrated InGaAs PIN Photodiode Array
PIPD131005011 OPLINK-PIPD131005011 Datasheet
217Kb / 2P
Pigtail Integrated InGaAs PIN Photodiode
PIPA-S0062 OPLINK-PIPA-S0062 Datasheet
309Kb / 2P
Pigtail Integrated InGaAs PIN Photodiode Array
PIPD-S0063 OPLINK-PIPD-S0063 Datasheet
128Kb / 2P
Pigtail Integrated InGaAs PIN Photodiode
PIPA OPLINK-PIPA Datasheet
309Kb / 2P
Pigtail Integrated InGaAs PIN Photodiode Array
PIPA08E20200111G OPLINK-PIPA08E20200111G Datasheet
182Kb / 2P
Pigtail Integrated InGaAs PIN Photodiode Array
PIPD15502001111 OPLINK-PIPD15502001111 Datasheet
128Kb / 2P
Pigtail Integrated InGaAs PIN Photodiode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com