Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIPD Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # PIPD
Description  Pigtail Integrated InGaAs PIN Photodiode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

PIPD Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  PIPD Datasheet HTML 1Page - OPLINK Communications Inc. PIPD Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PIPD
Ordering Information
Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Transmission Interconnect RGB Laser Modules
Mechanical Drawing / Package Dimensions (dimension in mm)
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink’s OEM
design team or account manager for your requirements and ordering information (510) 933-7200.
Package 1 (Bare Fiber or Loose Tube)
Package 4 (900μm Loose Tube)
Package 3 (Bare Fiber)
0
Wavelength
Bandwidth
Package & Fiber Type
Fiber Length
0.5G = 05
2.0G = 20
P1+ 250µm bare fiber = 11
P1+ 900µm loose tub = 12
P3+ 250µm bare fiber = 31
P4+ 900µm loose tube = 42
0.5meter = H
1.0meter = 1
1.5meter = 5
2.0meter = 2
Connector
Type
None = 1
FC/PC= 2
FC/SPC= 3
FC/APC= 4
SC/PC= 5
SC/SPC= 6
SC/APC= 7
ST= 8
LC= 9
MU= A
Pigtail Integrated InGaAs PIN Photodiode
PIPD Series
S0063 - R03. (web). 20120618
Dual Window = DUAL
1310nm = 1310
1550nm = 1550
** RoHS: Add “G” to the end of the above PN for RoHS 6.
* The tolerance of fiber length is +/-0.1m.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com