Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5951 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP5951
Description  Micropower, 150mA Low-Dropout CMOS Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5951 Datasheet(HTML) 2 Page - Texas Instruments

  LP5951 Datasheet HTML 1Page - Texas Instruments LP5951 Datasheet HTML 2Page - Texas Instruments LP5951 Datasheet HTML 3Page - Texas Instruments LP5951 Datasheet HTML 4Page - Texas Instruments LP5951 Datasheet HTML 5Page - Texas Instruments LP5951 Datasheet HTML 6Page - Texas Instruments LP5951 Datasheet HTML 7Page - Texas Instruments LP5951 Datasheet HTML 8Page - Texas Instruments LP5951 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
1
Vin
2
GND
Vout
5
NC
4
3
EN
1
Vin
2
GND
Vout
5
NC
4
3
EN
LP5951
SNVS345E – JUNE 2006 – REVISED JANUARY 2011
www.ti.com
Connection Diagram
Figure 1. 5-Lead SOT-23 Package – Top View
Figure 2. 5-Lead SC70 Package – Top View
See Package Number DBV
See Package Number DCK
PIN DESCRIPTIONS
Pin Number
Pin Name
Description
1
VIN
Input Voltage. Input range: 1.8V to 5.5V
2
GND
Ground
3
EN
Enable pin logic input: Low = shutdown, High = normal operation. This pin should not be left floating.
4
NC
No internal connection
5
VOUT
Regulated output voltage
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
VIN pin: Voltage to GND
-0.3V to 6.5V
EN pin: Voltage to GND
-0.3V to (VIN+0.3V) with 6.5V max
Continuous Power Dissipation(3)
Internally Limited
Junction Temperature (TJ-MAX )
150°C
Storage Temperature Range
-65°C to + 150°C
Package Peak Reflow Temperature (10-20 sec.)
240°C
Package Peak Reflow Temperature (Pb-free, 10-20 sec.)
260°C
ESD Rating(4)
Human Body Model:
2.0kV
Machine Model
200V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed
performance limits and associated test conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ = 160°C (typ.) and
disengages at TJ = 140°C (typ.).
(4)
The Human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin. The machine model is a 200pF
capacitor discharged directly into each pin. (MIL-STD-883 3015.7)
2
Submit Documentation Feedback
Copyright © 2006–2011, Texas Instruments Incorporated
Product Folder Links: LP5951



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com