Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5951 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP5951
Description  Micropower, 150mA Low-Dropout CMOS Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5951 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP5951 Datasheet HTML 9Page - Texas Instruments LP5951 Datasheet HTML 10Page - Texas Instruments LP5951 Datasheet HTML 11Page - Texas Instruments LP5951 Datasheet HTML 12Page - Texas Instruments LP5951 Datasheet HTML 13Page - Texas Instruments LP5951 Datasheet HTML 14Page - Texas Instruments LP5951 Datasheet HTML 15Page - Texas Instruments LP5951 Datasheet HTML 16Page - Texas Instruments LP5951 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
9-Mar-2013
Addendum-Page 2
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Top-Side Markings
(4)
Samples
LP5951MFX-1.5/NOPB
ACTIVE
SOT-23
DBV
5
3000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
LKAB
LP5951MFX-1.8
ACTIVE
SOT-23
DBV
5
3000
TBD
Call TI
Call TI
-40 to 125
LKBB
LP5951MFX-1.8/NOPB
ACTIVE
SOT-23
DBV
5
3000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
LKBB
LP5951MFX-2.0
ACTIVE
SOT-23
DBV
5
3000
TBD
Call TI
Call TI
-40 to 125
LKCB
LP5951MFX-2.0/NOPB
ACTIVE
SOT-23
DBV
5
3000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
LKCB
LP5951MFX-2.5
ACTIVE
SOT-23
DBV
5
3000
TBD
Call TI
Call TI
-40 to 125
LKEB
LP5951MFX-2.5/NOPB
ACTIVE
SOT-23
DBV
5
3000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
LKEB
LP5951MFX-2.8
ACTIVE
SOT-23
DBV
5
3000
TBD
Call TI
Call TI
-40 to 125
LKFB
LP5951MFX-2.8/NOPB
ACTIVE
SOT-23
DBV
5
3000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
LKFB
LP5951MFX-3.0
ACTIVE
SOT-23
DBV
5
3000
TBD
Call TI
Call TI
-40 to 125
LKGB
LP5951MFX-3.0/NOPB
ACTIVE
SOT-23
DBV
5
3000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
LKGB
LP5951MFX-3.3
ACTIVE
SOT-23
DBV
5
3000
TBD
Call TI
Call TI
-40 to 125
LKHB
LP5951MFX-3.3/NOPB
ACTIVE
SOT-23
DBV
5
3000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
LKHB
LP5951MG-1.3
ACTIVE
SC70
DCK
5
1000
TBD
Call TI
Call TI
-40 to 125
L23
LP5951MG-1.3/NOPB
ACTIVE
SC70
DCK
5
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
L23
LP5951MG-1.5
ACTIVE
SC70
DCK
5
1000
TBD
Call TI
Call TI
-40 to 125
L2B
LP5951MG-1.5/NOPB
ACTIVE
SC70
DCK
5
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
L2B
LP5951MG-1.8
ACTIVE
SC70
DCK
5
1000
TBD
Call TI
Call TI
L3B
LP5951MG-1.8/NOPB
ACTIVE
SC70
DCK
5
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
L3B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com