Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3943 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LP3943
Description  RGB/White/Blue 16-LED Fun Light Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3943 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP3943 Datasheet HTML 2Page - Texas Instruments LP3943 Datasheet HTML 3Page - Texas Instruments LP3943 Datasheet HTML 4Page - Texas Instruments LP3943 Datasheet HTML 5Page - Texas Instruments LP3943 Datasheet HTML 6Page - Texas Instruments LP3943 Datasheet HTML 7Page - Texas Instruments LP3943 Datasheet HTML 8Page - Texas Instruments LP3943 Datasheet HTML 9Page - Texas Instruments LP3943 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
LP3943
SNVS256A – MAY 2004 – REVISED MAY 2004
www.ti.com
Electrical Characteristics
Unless otherwise noted, VDD = 5.5V. Typical values and limits appearing in normal type apply for TJ = 25°C. Limits appearing
in boldface type apply over the entire junction temperature range for operation, TJ = −40°C to +125°C.
(1)
Limit
Symbol
Parameter
Conditions
Typical
Units
Min
Max
POWER SUPPLY
VDD
Supply Voltage
5
2.3
5.5
V
IQ
Supply Current
No Load
350
550
µA
Standby
2.0
5
ΔIQ
Additional Standby Current
VDD = 5.5V, every LED pin at
2
mA
4.3V
VPOR
Power-On Reset Voltage
1.8
1.96
V
tw
Reset Pulse Width
10
ns
LED
VIL
LOW Level Input Voltage
−0.5
0.8
V
VIH
HIGH Level Input Voltage
2.0
5.5
V
IOL
Low Level Output Current
VOL = 0.4V, VDD = 2.3V
9
(2)
VOL = 0.4V, VDD = 3.0V
12
VOL = 0.4V, VDD = 5.0V
15
mA
VOL = 0.7V, VDD = 2.3V
15
VOL = 0.7V, VDD = 3.0V
20
VOL = 0.7V, VDD = 5.0V
25
ILEAK
Input Leakage Current
VDD = 3.6, VIN = 0V or VDD
−1
1
µA
CI/O
Input/Output Capacitance
(3)
2.6
5
pF
ALL DIGITAL PINS (EXCEPT SCL AND SDA PINS)
VIL
LOW Level Input Voltage
−0.5
0.8
V
VIH
HIGH Level Input Voltage
2.0
5.5
V
ILEAK
Input Leakage Current
−1
1
µA
CIN
Input Capacitance
VIN = 0V
(3)
2.3
5
pF
I2C INTERFACE (SCL AND SDA PINS)
VIL
LOW Level Input Voltage
-0.5
0.3VDD
V
VIH
HIGH Level Input Voltage
0.7VDD
5.5
V
VOL
LOW Level Output Voltage
0
0.2VDD
V
IOL
LOW Level Output Current
VOL = 0.4V
6.5
3
mA
FCLK
Clock Frequency
(3)
400
kHz
tHOLD
Hold Time Repeated START
(3)
0.6
µs
Condition
tCLK-LP
CLK Low Period
(3)
1.3
µs
tCLK-HP
CLK High Period
(3)
0.6
µs
tSU
Set-Up Time Repeated START
(3)
0.6
µs
Condition
tDATA-HOLD
Data Hold Time
(3)
300
ns
tDATA-SU
Data Set-Up Time
(3)
100
ns
tSU
Set-Up Time for STOP Condition
(3)
0.6
µs
(1)
Limits are guaranteed. All electrical characteristics having room-temperature limits are tested during production with TJ = 25°C. All hot
and cold limits are guaranteed by correlating the electrical characteristics to process and temperature variations and applying statistical
process control.
(2)
Each LED pin should not exceed 25 mA and each octal (LED0–LED7; LED8–LED15) should not exceed 100 mA. The package should
not exceed a total of 200 mA.
(3)
Guaranteed by design.
6
Submit Documentation Feedback
Copyright © 2004, Texas Instruments Incorporated
Product Folder Links: LP3943



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com