Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3943 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LP3943
Description  RGB/White/Blue 16-LED Fun Light Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3943 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP3943 Datasheet HTML 3Page - Texas Instruments LP3943 Datasheet HTML 4Page - Texas Instruments LP3943 Datasheet HTML 5Page - Texas Instruments LP3943 Datasheet HTML 6Page - Texas Instruments LP3943 Datasheet HTML 7Page - Texas Instruments LP3943 Datasheet HTML 8Page - Texas Instruments LP3943 Datasheet HTML 9Page - Texas Instruments LP3943 Datasheet HTML 10Page - Texas Instruments LP3943 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
-40
80
TEMPERATURE (°C)
-10
-5
0
5
10
60
40
20
0
-20
LP3943
www.ti.com
SNVS256A – MAY 2004 – REVISED MAY 2004
Electrical Characteristics (continued)
Unless otherwise noted, VDD = 5.5V. Typical values and limits appearing in normal type apply for TJ = 25°C. Limits appearing
in boldface type apply over the entire junction temperature range for operation, TJ = −40°C to +125°C.
(1)
Limit
Symbol
Parameter
Conditions
Typical
Units
Min
Max
tTRANS
Maximum Pulse Width of Spikes
(3)
that Must Be Suppressed by the
50
ns
Input Filter of Both DATA & CLK
Signals
Typical Performance Characteristics
Frequency vs. Temp
(TA = −40°C to +85°C),
VDD = 2.3V to 3.0V
Application Notes
THEORY OF OPERATION
The LP3943 takes incoming data from the baseband controller and feeds them into several registers that control
the frequency and the duty cycle of the LEDs. Two prescaler registers and two PWM registers provide two
individual rates to dim or blink the LEDs (for more information on these registers, refer to Table 3). Each LED
can be programmed in one of four states—on, off, DIM0 rate or DIM1 rate. Two read-only registers provide
status on all 16 LEDs. The LP3943 can be used to drive RGB LEDs and/or single-color LEDs to create a colorful,
entertaining, and informative setting. Alternatively, it can also drive RGB LED as a flashlight. This is particularly
suitable for accessory functions in cellular phones and toys. Any LED pins not used to drive LED can be used for
General Purpose Parallel Input/Output (GPIO) expansion.
The LP3943 is equipped with Power-On Reset that holds the chip in a reset state until VDD reaches VPOR during
power up. Once VPOR is achieved, the LP3943 comes out of reset and initializes itself to the default state.
To bring the LP3943 into reset, hold the RST pin LOW for a period of TW. This will put the chip into its default
state. The LP3943 can only be programmed after RST signal is HIGH again.
I2C DATA VALIDITY
The data on SDA line must be stable during the HIGH period of the clock signal (SCL). In other words, state of
the data line can only be changed when CLK is LOW.
Copyright © 2004, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP3943



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com