Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0031C Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # PM0031C
Description  RECTIFIER BRIDGE STACK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

PM0031C Datasheet(HTML) 2 Page - Solid States Devices, Inc

  PM0031C Datasheet HTML 1Page - Solid States Devices, Inc PM0031C Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: PM0031C
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SPX2094 Series
ELECTRICAL CHARACTERISTICS, Each Bridge Leg, @ TA = 25°C (Unless Otherwise Specified)
PARAMETER
SYMBOL
MIN
MAX
UNIT
Instantaneous Forward Voltage Drop
(IF = 1.0A, 300μsec Pulse Minimum)
VF1
---
6
Volts
Reverse Leakage
(VR = 2,500V, 300μsec Pulse Minimum)
TA = 25°C
TA = 100°C
IR1
IR2
---
---
10
200
μAmps
Insulation Resistance (All Terminals to Base @ 15,000V)
RINSUL1
10
---
GΩ
Reverse Recovery Time
(IF = 0.5A, IR = 1.0A, IRR = 0.25A)
trr
--
30
nsec
SPX2094 Schematic
SPX2094 Outline
Tolerances
(Unless Specified):
.XX ± .03
.XXX ± .010



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com