Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0031C Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # PM0031C
Description  RECTIFIER BRIDGE STACK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

PM0031C Datasheet(HTML) 1 Page - Solid States Devices, Inc

  PM0031C Datasheet HTML 1Page - Solid States Devices, Inc PM0031C Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: PM0031C
DOC
SPX2094 Series
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
30 nsec
15,000 VOLTS
HIGH VOLTAGE
RECTIFIER BRIDGE STACK
FEATURES:
 Aerospace High Voltage Power Supply Applications
 Low Mechanical Stress Design
 Excellent Thermal Management- 2.5°C/W
 TX, TXV, and Space Level Screening Available
Consult Factory For:
 Higher Blocking Voltages
 Faster Switching Time
 Other Electrical Configurations
Designer’s Data Sheet
Part Number/Ordering Information
1/
SPX2094-
__
__
__
│
│
│
│
│
│
│
│
│
│
└
│
│
│
│
└
└
Finish
__ = Standard Case
SAB = Sand Blasted Case
Screening
2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
Dash Number
3/
MAXIMUM RATINGS
CHARACTERISTIC
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse and DC Blocking Voltage
(Module)
VR (MODULE)
3/
15,000
V
Peak Repetitive Reverse and DC Blocking Voltage (Each Bridge)
VR
2700
Volts
Average Rectified Forward Current
(Non-Repetitive, t = 8.3 msec Pulse)
IO
1
Amps
Peak Surge Current
(Non-Repetitive, t = 8.3 msec Pulse, TA = 25°C)
IFSM
25
Amps
Storage & Operating Temperature Range
TOP & TSTG
-65 to +150
°C
Thermal Resistance, Junction to Base
θJB
2.5
°C/W
Notes:
1/ For ordering information, price, and availability- Contact Factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ For each dash number, refer to VR(MODULE) rating, schematic, and outline.
ASPM


Similar Part No. - PM0031C

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
PM0031C SSDI-PM0031C_15 Datasheet
136Kb / 2P
RECTIFIER BRIDGE STACK
More results

Similar Description - PM0031C

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
10B4B41 TOSHIBA-10B4B41 Datasheet
117Kb / 1P
RECTIFIER STACK (BRIDGE)
logo
Solid States Devices, I...
PM0015C SSDI-PM0015C Datasheet
56Kb / 2P
RECTIFIER BRIDGE STACK
PM0016B SSDI-PM0016B Datasheet
141Kb / 2P
RECTIFIER BRIDGE STACK
PM0023E SSDI-PM0023E Datasheet
57Kb / 2P
RECTIFIER BRIDGE STACK
PM0026A SSDI-PM0026A Datasheet
115Kb / 2P
RECTIFIER BRIDGE STACK
PM0015C SSDI-PM0015C_15 Datasheet
56Kb / 2P
RECTIFIER BRIDGE STACK
PM0023E SSDI-PM0023E_15 Datasheet
57Kb / 2P
RECTIFIER BRIDGE STACK
PM0026A SSDI-PM0026A_15 Datasheet
115Kb / 2P
RECTIFIER BRIDGE STACK
PM0031C SSDI-PM0031C_15 Datasheet
136Kb / 2P
RECTIFIER BRIDGE STACK
logo
Toshiba Semiconductor
25J4B41 TOSHIBA-25J4B41 Datasheet
193Kb / 1P
RECTIFIER STACK (BRIDGE)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com