Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP55281RL/NOPB Datasheet(PDF) 25 Page - Texas Instruments

Part # LP55281RL/NOPB
Description  Quad RGB Driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP55281RL/NOPB Datasheet(HTML) 25 Page - Texas Instruments

Back Button LP55281RL/NOPB Datasheet HTML 21Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 22Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 23Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 24Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 25Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 26Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 27Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 28Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
start
msb Chip Address lsb
w
ack
msb Register Add lsb
ack
msb
DATA
lsb
ack
stop
ack from slave
ack from slave
ack from slave
SCL
SDA
start
id = 4Ch
w
ack
addr = 02H
ack
ack
address 02H data
stop
ack from slave
msb Chip Address lsb
ack from slave
w
msb Register Add lsb
rs
r
msb
DATA
lsb
stop
ack from slave
repeated start
data from slave
start
Id = 4Ch
w ack
addr = h00
ack
rs
r ack
Address 00h data
ack stop
msb Chip Address lsb
Id = 4Ch
start
SCL
SDA
ack/nack from
master
LP55281
www.ti.com
SNVS458B – JUNE 2007 – REVISED JUNE 2007
•
If the master device sends acknowledge signal, the control register address will be incremented by one. Slave
device sends data byte from addressed register.
•
Read cycle ends when the master does not generate acknowledge signal after data byte and generates stop
condition.
Address Mode
Data Read
<Start Condition>
<Slave Address><r/w = 0>[Ack]
<Register Address>[Ack]
<Repeated Start Condition>
<Slave Address><r/w = 1>[Ack]
[Register Data]<Ack or NAck>
...additional reads from subsequent register address possible
<Stop Condition>
Data Write
<Start Condition>
<Slave Address><r/w = 0>[Ack]
<Register Address>[Ack]
<Register Data>[Ack]
...additional writes to subsequent register address possible
<Stop Condition>
< > Data from master, [ ] data from slave
Figure 25. Register Read Format
When a READ function is to be accomplished, a WRITE function must precede the READ function, as shown in
the Read Cycle waveform.
Figure 26. Register Write Format
•
w = write (SDA = 0)
•
r = read (SDA = 1)
•
ack = acknowledge (SDA pulled down by either master or slave)
•
rs = repeated start
•
id = 7-bit device address
I2C Timing Parameters
VDD1,2 = 3.0V to 4.5V, VDDIO = 1.65V to VDD1,2
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LP55281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com