Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP55281RL/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Part # LP55281RL/NOPB
Description  Quad RGB Driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP55281RL/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP55281RL/NOPB Datasheet HTML 8Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 9Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 10Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 11Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 12Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 13Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 14Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 15Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
0.0
100.0
200.0
300.0
400.0
500.0
TIME (é
s)
5.1
4.8
4.4
4.1
3.7
3.4
VOUT TARGET VALUE = 5V
VIN = 3.6V
TIME (100 é
s/DIV)
ILOAD = 50 mA
VIN = 3.0V TO 3.6V
VOUT = 5V (10 mV/DIV)
VIN = 1V/DIV
3.0
3.6
4.1
4.7
5.2
310.0
278.0
246.0
214.0
182.0
150.0
VOUT = 5.3V
VOUT = 4.7V
ILOAD = 150 mA
VOUT = 4V
BATTERY VOLTAGE (V)
LP55281
SNVS458B – JUNE 2007 – REVISED JUNE 2007
www.ti.com
Figure 9. Battery Current vs Voltage
Figure 10. Boost Line Regulation
Figure 11. Boost Startup with No Load
12
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Links: LP55281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com