Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3971 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LP3971
Description  Power Management Unit for Advanced Application Processors
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3971 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP3971 Datasheet HTML 3Page - Texas Instruments LP3971 Datasheet HTML 4Page - Texas Instruments LP3971 Datasheet HTML 5Page - Texas Instruments LP3971 Datasheet HTML 6Page - Texas Instruments LP3971 Datasheet HTML 7Page - Texas Instruments LP3971 Datasheet HTML 8Page - Texas Instruments LP3971 Datasheet HTML 9Page - Texas Instruments LP3971 Datasheet HTML 10Page - Texas Instruments LP3971 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 57 page
background image
LP3971
www.ti.com
SNVS432U – JANUARY 2006 – REVISED OCTOBER 2008
General Electrical Characteristics
Typical values and limits appearing in normal type apply for TJ = 25°C. Limits appearing in boldface type apply over the
entire junction temperature range for operation,
−40°C to +125°C.
(1) (2)
Symbol
Parameter
Conditio
Min
Typ
Max
Units
ns
VIN, VDDA, VIN Buck1, 2 and 3
Battery Voltage
2.7
3.6
5.5
V
VINLDO4, VINLDO5
Power Supply for LDO 4 and 5
1.74
3.6
5.5
V
TSD
Thermal Shutdown (3)
Tempera
160
ture
°C
Hysteresi
20
s
(1)
All voltages are with respect to the potential at the GND pin.
(2)
All limits guaranteed at room temperature (standard typeface) and at temperature extremes (bold typeface). All room temperature limits
are production tested, guaranteed through statistical analysis or guaranteed by design. All limits at temperature extremes are
guaranteed via correlation using standard Statistical Quality Control (SQC) methods. All limits are used to calculate Average Outgoing
Quality Level (AOQL).
(3)
This electrical specification is guaranteed by design.
Supply Specification
(1) (2)
IMAX
VOUT (Volts)
Maximum Output
Supply
Range (V)
Resolution (mV)
Current (mA) (3)
LDO_RTC
Tracking (4)
N/A
30 or 10
LDO1
1.8 to 3.3
100
300
LDO2
1.8 to 3.3
100
150
LDO3
1.8 to 3.3
100
150
LDO4
1.0 to 3.3
50-600
150
LDO5
1.0 to 3.3
50-600
370
BUCK 1
0.8 to 3.3
50-600
1600
BUCK 2
0.8 to 3.3
50-600
1600
BUCK 3
0.8 to 3.3
50-600
1600
(1)
All voltages are with respect to the potential at the GND pin.
(2)
All limits guaranteed at room temperature (standard typeface) and at temperature extremes (bold typeface). All room temperature limits
are production tested, guaranteed through statistical analysis or guaranteed by design. All limits at temperature extremes are
guaranteed via correlation using standard Statistical Quality Control (SQC) methods. All limits are used to calculate Average Outgoing
Quality Level (AOQL).
(3)
This electrical specification is guaranteed by design.
(4)
LDO_RTC voltage can track LDO1 voltage. LP3971 has a tracking function (nIO_TRACK). When enabled, LDO_RTC voltage will track
LDO1 voltage within 200mV down to 2.8V when LDO1 is enabled
Default Voltage Options
Version
LP3971SQ-B410
LP3971SQ-D510
LP3971Q-F211
LP3971SQ-W416
Enable
Version B
Version C
Version A
Version SW
LDO_RTC
--
2.8
--
2.8
--
2.8
--
2.8
3.0 (w/
3.3 (w/
LDO1
SYS_EN
Trkg)
SYS_EN
Trkg)
SYS_EN
3.3
SYS_EN
3.0
LDO2
SYS_EN
3.0
SYS_EN
3.3
SYS_EN
3.3
SYS_EN
3.3
LDO3
SYS_EN
3.0
SYS_EN
3.3
SYS_EN
3.3
PWR_EN
2.5
LDO4
PWR_EN
1.3
PWR_EN
1.3
SYS_EN
1.8
SYS_EN
1.0
LDO5
PWR_EN
1.1
PWR_EN
1.1
PWR_EN
3.3
PWR_EN
1.0
BUCK1
PWR_EN
1.4
PWR_EN
1.4
PWR_EN
1.5
PWR_EN
1.2
BUCK2
SYS_EN
3.0
SYS_EN
3.3
SYS_EN
2.5
SYS_EN
3.0
BUCK3
SYS_EN
1.8
SYS_EN
1.8
SYS_EN
1.8
SYS_EN
1.8
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP3971



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com