Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3971 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP3971
Description  Power Management Unit for Advanced Application Processors
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3971 Datasheet(HTML) 1 Page - Texas Instruments

  LP3971 Datasheet HTML 1Page - Texas Instruments LP3971 Datasheet HTML 2Page - Texas Instruments LP3971 Datasheet HTML 3Page - Texas Instruments LP3971 Datasheet HTML 4Page - Texas Instruments LP3971 Datasheet HTML 5Page - Texas Instruments LP3971 Datasheet HTML 6Page - Texas Instruments LP3971 Datasheet HTML 7Page - Texas Instruments LP3971 Datasheet HTML 8Page - Texas Instruments LP3971 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
LP3971
www.ti.com
SNVS432U – JANUARY 2006 – REVISED OCTOBER 2008
LP3971 Power Management Unit for Advanced Application Processors
Check for Samples: LP3971
1
FEATURES
•
Current overload protection
•
Tiny 40-pin 5x5 mm LLP package
2
•
Compatible with advanced applications
processors requiring DVM (Dynamic Voltage
APPLICATIONS
Management)
•
Three buck regulators for powering high
•
PDA phones
current processor functions or I/O's
•
Smart phones
•
6 LDO's for powering RTC, peripherals, and
•
Personal Media Players
I/O's
•
Digital cameras
•
Backup battery charger with automatic switch
•
Application processors
for lithium-manganese coin cell batteries and
–
Marvell PXA
Super capacitors
–
Freescale
•
I2C compatible high speed serial interface
–
Samsung
•
Software control of regulator functions and
settings
•
Precision internal reference
•
Thermal overload protection
DESCRIPTION
The LP3971 is a multi-function, programmable Power Management Unit, designed especially for advanced
application processors. The LP3971 is optimized for low power handheld applications and provides 6 low
dropout, low noise linear regulators, three DC/DC magnetic buck regulators, a back-up battery charger and two
GPIO’s. A high speed serial interface is included to program individual regulator output voltages as well as on/off
control.
KEY SPECIFICATIONS
Regulators
Programmable VOUT from 0.725 to 3.3V
Up to 95% efficiency
Up to 1.6A output current
±3% output voltage accuracy
LDOs
Programmable VOUT of 1.0V–3.3V
±3% output voltage accuracy
150/300/370 mA output currents:
LDO RTC 30 mA
LDO 1 300 mA
LDO 2 150 mA
LDO 3 150 mA
LDO 4 150 mA
LDO 5 370 mA
100 mV (typ) dropout
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP3971

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3971 NSC-LP3971 Datasheet
1Mb / 42P
POWER MANAGEMENT UNIT FOR ADVANCED APPLICATION PROCESSORS
logo
Texas Instruments
LP3971 TI1-LP3971 Datasheet
1Mb / 52P
Power Management Unit for Advanced Application Processors
LP3971SQ-2G16/NOPB TI1-LP3971SQ-2G16/NOPB Datasheet
1Mb / 52P
Power Management Unit for Advanced Application Processors
LP3971SQ-7848/NOPB TI1-LP3971SQ-7848/NOPB Datasheet
1Mb / 52P
Power Management Unit for Advanced Application Processors
logo
National Semiconductor ...
LP3971SQ-A514 NSC-LP3971SQ-A514 Datasheet
1Mb / 42P
POWER MANAGEMENT UNIT FOR ADVANCED APPLICATION PROCESSORS
More results

Similar Description - LP3971

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3970 NSC-LP3970 Datasheet
421Kb / 2P
Power Management Unit for Advanced Application Processors
LP3971 NSC-LP3971 Datasheet
1Mb / 42P
POWER MANAGEMENT UNIT FOR ADVANCED APPLICATION PROCESSORS
LP3972 NSC-LP3972 Datasheet
1Mb / 59P
Power Management Unit for Advanced Application Processors
LP3972 NSC-LP3972_08 Datasheet
1Mb / 60P
Power Management Unit for Advanced Application Processors
LP8725 NSC-LP8725 Datasheet
537Kb / 6P
Power Management Unit for Application/Multimedia Processors and Sub-Systems
logo
Texas Instruments
LP3974 TI1-LP3974 Datasheet
1Mb / 10P
PRODUCT BRIEF High Performance Power Management Unit for Application Processors
LP3972 TI1-LP3972_14 Datasheet
1Mb / 59P
Power Management Unit for Advanced Application Processors
LP3972 TI1-LP3972_15 Datasheet
1Mb / 63P
Power Management Unit for Advanced Application Processors
LP3971 TI1-LP3971_16 Datasheet
1Mb / 52P
Power Management Unit for Advanced Application Processors
logo
Linear Technology
LTC3676 LINER-LTC3676 Datasheet
517Kb / 38P
Power Management Solution for Application Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com