Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL52N25M5 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STL52N25M5
Description  N-channel 250 V, 0.064, 28 A, PowerFLAT (5x6) MDmesh V Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL52N25M5 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STL52N25M5 Datasheet HTML 3Page - STMicroelectronics STL52N25M5 Datasheet HTML 4Page - STMicroelectronics STL52N25M5 Datasheet HTML 5Page - STMicroelectronics STL52N25M5 Datasheet HTML 6Page - STMicroelectronics STL52N25M5 Datasheet HTML 7Page - STMicroelectronics STL52N25M5 Datasheet HTML 8Page - STMicroelectronics STL52N25M5 Datasheet HTML 9Page - STMicroelectronics STL52N25M5 Datasheet HTML 10Page - STMicroelectronics STL52N25M5 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
STL52N25M5
Electrical characteristics
Doc ID 17819 Rev 2
7/13
Figure 8.
Capacitance variations
Figure 9.
Output capacitance stored energy
Figure 10.
Normalized gate threshold voltage
vs temperature
Figure 11.
Normalized on resistance vs
temperature
Figure 12.
Normalized BVDSS vs temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com