Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7232GS Datasheet(PDF) 26 Page - Infineon Technologies AG

Part # TLE7232GS
Description  SPI Driver for Enhanced Relay Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7232GS Datasheet(HTML) 26 Page - Infineon Technologies AG

Back Button TLE7232GS Datasheet HTML 22Page - Infineon Technologies AG TLE7232GS Datasheet HTML 23Page - Infineon Technologies AG TLE7232GS Datasheet HTML 24Page - Infineon Technologies AG TLE7232GS Datasheet HTML 25Page - Infineon Technologies AG TLE7232GS Datasheet HTML 26Page - Infineon Technologies AG TLE7232GS Datasheet HTML 27Page - Infineon Technologies AG TLE7232GS Datasheet HTML 28Page - Infineon Technologies AG TLE7232GS Datasheet HTML 29Page - Infineon Technologies AG TLE7232GS Datasheet HTML 30Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
SPI Driver for Enhanced Relay Control
SPIDER - TLE7232GS
Block Description and Electrical Characteristics
Data Sheet
26
Rev. 1.0, 2007-12-18
5.4.7
H-input pull-down current through
pin
SCLK
SI
I
SCLK(H)
I
SI(H)
10
10
20
20
50
50
µA
V
SCLK = 5 V
V
SI = 5 V
Output Characteristics (SO)
5.4.8
L level output voltage
V
SO(L)
0–
0.4
V
I
SO = -2.5 mA
5.4.9
H level output voltage
V
SO(H)
4.6
2.4
5
3
I
SO = 2 mA
V
VSO = 5 V
V
VSO = 3 V
5.4.10
Output tristate leakage current
I
SO(OFF)
-10
10
µA
V
CS = VDD
Timings
5.4.11
Serial clock frequency
f
SCLK
0–
5MHz
5.4.12
Serial clock period
t
SCLK(P)
200
ns
5.4.13
Serial clock high time
t
SCLK(H)
50
ns
5.4.14
Serial clock low time
t
SCLK(L)
50
ns
5.4.15
Enable lead time (falling CS to
rising SCLK)
t
SCLK(lead)
250
ns
5.4.16
Enable lag time (falling SCLK to
rising CS)
t
SCLK(lag)
250
ns
5.4.17
Transfer delay time (rising CS to
falling CS)
t
CS(del)
250
ns
5.4.18
Data setup time (required time SI to
falling SCLK)
t
SI(su)
20
ns
5.4.19
Data hold time (falling SCLK to SI)
t
SI(h)
20
ns
1) Not subject to production test, specified by design.
Electrical Characteristics: SPI (cont’d)
V
DD = 4.5 V to 5.5 V, Tj = -40 °C to 150 °C, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified); typical values:
V
DD = 5.0 V, Tj = 25 °C
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com