| Electronic Components Datasheet Search |
|
TLE7232GS Datasheet(PDF) 24 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE7232GS Datasheet(HTML) 24 Page - Infineon Technologies AG |
|
24 / 32 page ![]() SI device 1 SPI SO SI device 2 SPI SO SI device 3 SPI SO MO MI MCS MCLK SPI_DasyChain.emf MI MO MCS MCLK SI device 3 SI device 2 SI device 1 SO device 3 SO device 2 SO device 1 time SPI_DasyChain2.emf SPI Driver for Enhanced Relay Control SPIDER - TLE7232GS Block Description and Electrical Characteristics Data Sheet 24 Rev. 1.0, 2007-12-18 5.4.2 Daisy Chain Capability The SPI of SPIDER - TLE7232GS provides daisy chain capability. In this configuration several devices are activated by the same CS signal MCS. The SI line of one device is connected with the SO line of another device (see Figure 13), which builds a chain. The ends of the chain are connected with the output and input of the master device, MO and MI respectively. The master device provides the master clock MCLK, which is connected to the SCLK line of each device in the chain. Figure 13 Daisy Chain Configuration In the SPI block of each device, there is one shift register where one bit from SI line is shifted in each SCLK. The bit shifted out can be seen at SO. After 16 SCLK cycles, the data transfer for one device has been finished. In single chip configuration, the CS line must go high to make the device accept the transferred data. In daisy chain configuration the data shifted out at device #1 has been shifted in to device #2. When using three devices in daisy chain, three times 16 bits have to be shifted through the devices. After that, the MCS line must go high (see Figure 14). Figure 14 Data Transfer in Daisy Chain Configuration |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |