Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSHD-7503 Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # LSHD-7503
Description  0.3 inch (7.62 mm ) DIGIT HEIGHT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LSHD-7503 Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  LSHD-7503 Datasheet HTML 1Page - Lite-On Technology Corporation LSHD-7503 Datasheet HTML 2Page - Lite-On Technology Corporation LSHD-7503 Datasheet HTML 3Page - Lite-On Technology Corporation LSHD-7503 Datasheet HTML 4Page - Lite-On Technology Corporation LSHD-7503 Datasheet HTML 5Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
PART NO.: LSHD-7503
PAGE:
1 of 5
BNS-OD-C131/A4
FEATURES
*0.3 inch (7.62 mm ) DIGIT HEIGHT
*EXCELLENT SEGMENT UNIFORMITY
*LOW POWER REQUIREMENT
*HIGH BRIGHTNESS AND HIGH CONTRAST
*WIDE VIEWING ANGLE
*SOLID STATE RELIABILITY
*BINNED FOR LUMINOUS INTENSITY
DESCRIPTION
The LSHD-7503 is a 0.3 inch (7.62 mm) digit height single-digit
display. This device uses AS-AlInGaP RED LED chips (AlInGaP epi
on GaAs substrate).
The display has light gray face and white
segments.
DEVICE
PART NO.
DESCRIPTION
AlInGaP RED
LSHD-7503
Common Cathode
Rt. Hande Decimal


Similar Part No. - LSHD-7503

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LSHD-7501 LITEON-LSHD-7501 Datasheet
343Kb / 6P
LED Display
More results

Similar Description - LSHD-7503

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
UVD-32X UOT-UVD-32X Datasheet
72Kb / 5P
0.3 inch ( 7.62 mm ) DUAL DIGIT NUMERIC LED DISPLAYS
logo
Agilent(Hewlett-Packard...
HDSP-331X HP-HDSP-331X Datasheet
88Kb / 14P
7.62 mm (0.3 inch) General Purpose Seven-Segment Display
logo
Everlight Electronics C...
ELD-305SYGWA EVERLIGHT-ELD-305SYGWA Datasheet
123Kb / 6P
0.3 inch Dual Digit Displays
logo
China Semiconductor Cor...
CSD-322A9 CHINASEMI-CSD-322A9 Datasheet
175Kb / 5P
0.3 Inch Single Digit Display
logo
Lite-On Technology Corp...
LTS-312AG LITEON-LTS-312AG Datasheet
112Kb / 5P
The LTS-312AG is a 0.3-inch (7.62-mm) digit height single digit seven-segment display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-331E AVAGO-HDSP-331E_12 Datasheet
82Kb / 12P
7.62 mm (0.3 inch) General Purpose Seven-Segment Display
logo
Lite-On Technology Corp...
LSHD-A101 LITEON-LSHD-A101 Datasheet
127Kb / 5P
0.3 inch (7.62mm) DIGIT HEIGHT
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-331X AVAGO-HDSP-331X Datasheet
82Kb / 12P
7.62 mm (0.3 inch) General Purpose Seven-Segment Display
logo
Lite-On Technology Corp...
LTM-8328PKR-04 LITEON-LTM-8328PKR-04 Datasheet
67Kb / 6P
0.3 INCH (7.62 mm ) DIGIT HEIGHT.
LTP-3862E LITEON-LTP-3862E Datasheet
141Kb / 5P
0.3 inch (7.62 mm) DIGIT HEIGHT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com