Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSHD-7503 Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # LSHD-7503
Description  0.3 inch (7.62 mm ) DIGIT HEIGHT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LSHD-7503 Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LSHD-7503 Datasheet HTML 1Page - Lite-On Technology Corporation LSHD-7503 Datasheet HTML 2Page - Lite-On Technology Corporation LSHD-7503 Datasheet HTML 3Page - Lite-On Technology Corporation LSHD-7503 Datasheet HTML 4Page - Lite-On Technology Corporation LSHD-7503 Datasheet HTML 5Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
PART NO.: LSHD-7503
PAGE:
4 of 5
BNS-OD-C131/A4
ABSOLUTE MAXIMUM RATING AT Ta = 25
oC
PARAMETER
MAXIMUM RATING
UNIT
Power Dissipation Per Segment
70
mW
Peak Forward Current Per Segment
( Frequency 1Khz, 15% duty cycle)
90
mA
Continuous Forward Current Per Segment
25
mA
Forward Current Derating from 25
0C
0.28
mA/
0C
Reverse Voltage Per Segment
5
V
Operating Temperature Range
-35
0C to +1050C
Storage Temperature Range
-35
0C to +1050C
Soldering Conditions : 1/16 inch below seating plane for 3 seconds at 260
0C
ELECTRICAL / OPTICAL CHARACTERISTICS AT Ta = 25
oC
PARAMETER
SYMBOL MIN TYP MAX UNIT
TEST
CONDITION
Average Luminous Intensity Per Segment
IV
320
5400
923
12000
µcd
IF = 1mA
IF = 10mA
Peak Emission Wavelength
λp
632
nm
IF = 20mA
Spectral Line Half-Width
∆λ
20
nm
IF = 20mA
Dominant Wavelength
λd
624
nm
IF = 20mA
Forward Voltage Per Segment
VF
2.1
2.6
V
IF = 20mA
Reverse Current Per Segment
IR
100
µA
VR = 5V
Luminous Intensity Matching Ratio
IV-m
2 : 1
IF = 1mA
Note: Luminous Intensity is measured with a light sensor and filter combination that approximates
the CIE (Commision Internationale De L’Eclairage) eye-response curve.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com