Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB81BA3IPFPEP Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # TSB81BA3IPFPEP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER 
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB81BA3IPFPEP Datasheet(HTML) 41 Page - Texas Instruments

Back Button TSB81BA3IPFPEP Datasheet HTML 37Page - Texas Instruments TSB81BA3IPFPEP Datasheet HTML 38Page - Texas Instruments TSB81BA3IPFPEP Datasheet HTML 39Page - Texas Instruments TSB81BA3IPFPEP Datasheet HTML 40Page - Texas Instruments TSB81BA3IPFPEP Datasheet HTML 41Page - Texas Instruments TSB81BA3IPFPEP Datasheet HTML 42Page - Texas Instruments TSB81BA3IPFPEP Datasheet HTML 43Page - Texas Instruments TSB81BA3IPFPEP Datasheet HTML 44Page - Texas Instruments TSB81BA3IPFPEP Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 58 page
background image
TSB81BA3EP
IEEE 1394b THREEPORT CABLE TRANSCEIVER/ARBITER
SGLS194A − SEPTEMBER 2003 − REVISED JULY 2005
41
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION (1394a−2000 INTERFACE)
interface reset and disable (continued)
SYSCLK
ISO
(high)
(a)
(c)
(b)
CTL0
D0 − D7
LREQ
LPS
(d)
TCLK_ACTIVATE
CTL1
7 Cycles
Figure 19. Interface Initialization
The sequence of events for initialization of the PHY-LLC is as follows:
(a) LPS reasserted. After the interface has been in the reset or disabled state for at least the minimum
TRESTORE time, the LLC causes the interface to be initialized and restored to normal operation by
reasserting the LPS signal. (In the above diagram, the interface is shown in the disabled state with PCLK
low inactive. However, the interface initialization sequence described here is also executed if the interface
is merely reset but not yet disabled.)
(b) PCLK activated. If the interface is disabled, then the PHY reactivates its PCLK output when it detects that
LPS has been reasserted. If the PHY has entered a low-power state, then it takes between 5.3 to 7.3 ms
for PCLK to be restored; if the PHY is not in a low-power state, then the PCLK is restored within 60 ns. The
PCLK output is a 50% duty cycle square wave with a frequency of 49.152 MHz
±100 ppm (period of
20.345 ns). During the first 7 cycles of PCLK, the PHY continues to drive the CTL and D terminals low. The
LLC is also required to drive its CTL and D outputs low for 1 of the first 6 cycles of PCLK but to otherwise
place its CTL and D outputs in a high-impedance state. The LLC continues to drive its LREQ output low
during this time.
(c) Receive indicated. Upon the eighth PCLK cycle following reassertion of LPS, the PHY asserts the receive
state on the CTL lines and the data-on indication (all 1s) on the D lines for one or more cycles.
(d) Initialization complete. The PHY asserts the idle state on the CTL lines and logic 0 on the D lines. This
indicates that the PHY-LLC interface initialization is complete and normal operation may commence. The
PHY now accepts requests from the LLC via the LREQ line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com