Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB81BA3IPFPEP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TSB81BA3IPFPEP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER 
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB81BA3IPFPEP Datasheet(HTML) 1 Page - Texas Instruments

  TSB81BA3IPFPEP Datasheet HTML 1Page - Texas Instruments TSB81BA3IPFPEP Datasheet HTML 2Page - Texas Instruments TSB81BA3IPFPEP Datasheet HTML 3Page - Texas Instruments TSB81BA3IPFPEP Datasheet HTML 4Page - Texas Instruments TSB81BA3IPFPEP Datasheet HTML 5Page - Texas Instruments TSB81BA3IPFPEP Datasheet HTML 6Page - Texas Instruments TSB81BA3IPFPEP Datasheet HTML 7Page - Texas Instruments TSB81BA3IPFPEP Datasheet HTML 8Page - Texas Instruments TSB81BA3IPFPEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
TSB81BA3EP
IEEE 1394b THREEPORT CABLE TRANSCEIVER/ARBITER
SGLS194A − SEPTEMBER 2003 − REVISED JULY 2005
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Controlled Baseline
− One Assembly/Test Site, One Fabrication
Site
D Extended Temperature Performance of
−40
°C to 85°C
D Enhanced Diminishing Manufacturing
Sources (DMS) Support
D Enhanced Product-Change Notification
D Qualification Pedigree†
D Fully Supports Provisions of IEEE P1394b
Revision 1.33+ at 1-Gigabit Signaling Rates
D Fully Supports Provisions of IEEE
1394a−2000 and 1394−1995 Standard for
High Performance Serial Bus
D Fully Interoperable With Firewire, i.LINK,
and SB1394
, Implementation of IEEE Std
1394
D Provides Three Fully Backward
Compatible, (1394a−2000 Fully Compliant)
Bilingual P1394b Cable Ports at up to
800 Megabits per Second (Mbits/s)
D Provides Three 1394a−2000 Fully
Compliant Cable Ports at 100/200/400
Mbits/s
D Full 1394a−2000 Support Includes:
− Connection Debounce
− Arbitrated Short Reset
− Multispeed Concatenation
− Arbitration Acceleration
− Fly-By Concatenation
− Port Disable/Suspend/Resume
− Extended Resume Signaling for
Compatibility With Legacy DV Devices
D Power-Down Features to Conserve Energy
in Battery Powered Applications
D Low-Power Sleep Mode
† Component qualification in accordance with JEDEC and industry
standards to ensure reliable operation over an extended
temperature range. This includes, but is not limited to, Highly
Accelerated Stress Test (HAST) or biased 85/85, temperature
cycle, autoclave or unbiased HAST, electromigration, bond
intermetallic life, and mold compound life. Such qualification
testing should not be viewed as justifying use of this component
beyond specified performance and environmental limits.
D Fully Compliant With Open Host Controller
Interface (HCI) Requirements
D Cable Power Presence Monitoring
D Cable Ports Monitor Line Conditions for
Active Connection to Remote Node
D Register Bits Give Software Control of
Contender Bit, Power Class Bits, Link
Active Control Bit, and 1394a−2000
Features
D Data Interface to Link-Layer Controller Pin
Selectable From 1394a−2000 Mode (2/4/8
Parallel Bits at 49.152 MHz) or 1394b Mode
(8 Parallel Bits at 98.304 MHz)
D Interface to Link-Layer Controller Supports
Low Cost TI Bus-Holder Isolation
D Interoperable With Link-Layer Controllers
Using 3.3-V Supplies
D Interoperable With Other 1394 Physical
Layers (PHYs) Using 1.8-V, 3.3-V, and 5-V
Supplies
D Low Jitter, External Crystal Oscillator
Provides Transmit and Receive Data at
100/200/400/800 Mbits/s, and Link-Layer
Controller Clock at 49.152 MHz and
98.304 MHz
D Separate Bias (TPBIAS) for Each Port
D Low Cost, High Performance 80-Pin TQFP
(PFP) Thermally Enhanced Package
D Software Device Reset (SWR)
D Fail-Safe Circuitry Senses Sudden Loss of
Power to the Device and Disables the Ports
to Ensure That the TSB81BA3 Does Not
Load the TPBIAS of Any Connected Device
and Blocks any Leakage From the Port
Back to Power Plane
D The TSB81BA3 Has a 1394a−2000
Compliant Common-Mode Noise Filter on
the Incoming Bias Detect Circuit to Filter
Out Cross-Talk Noise
D The TSB81BA3 Is Port Programmable to
Force 1394a Mode to Allow Use of 1394a
Connectors (1394b Signalling Must Not Be
Put Across 1394a Connectors or Cables)
Copyright
 2005, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Implements technology covered by one or more patents of Apple Computer, Incorporated and SGS Thompson, Limited.
i.LINK is a trademark of Sony Corporation.
FireWire is a trademark of Apple Computer Incorporated.


Similar Part No. - TSB81BA3IPFPEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB81BA3IPFPEP TI1-TSB81BA3IPFPEP Datasheet
711Kb / 57P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3IPFPEP TI1-TSB81BA3IPFPEP Datasheet
637Kb / 61P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
More results

Similar Description - TSB81BA3IPFPEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB81BA3 TI-TSB81BA3 Datasheet
810Kb / 57P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A TI-TSB41BA3A Datasheet
895Kb / 66P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3-EP TI-TSB81BA3-EP Datasheet
764Kb / 56P
IEEE 1394B THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3B TI-TSB41BA3B Datasheet
1Mb / 67P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3E TI-TSB81BA3E Datasheet
887Kb / 57P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A-EP TI1-TSB41BA3A-EP Datasheet
799Kb / 68P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3IPFPEP TI1-TSB81BA3IPFPEP Datasheet
711Kb / 57P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3E TI1-TSB81BA3E_14 Datasheet
612Kb / 58P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3B-EP TI1-TSB41BA3B-EP_14 Datasheet
987Kb / 68P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB3-EP TI1-TSB41AB3-EP_14 Datasheet
859Kb / 56P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com